Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSM300GB120DLC Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSM300GB120DLC
Description  62mm C-series module with low loss IGBT2 and EmCon diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSM300GB120DLC Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSM300GB120DLC Datasheet HTML 1Page - Infineon Technologies AG BSM300GB120DLC Datasheet HTML 2Page - Infineon Technologies AG BSM300GB120DLC Datasheet HTML 3Page - Infineon Technologies AG BSM300GB120DLC Datasheet HTML 4Page - Infineon Technologies AG BSM300GB120DLC Datasheet HTML 5Page - Infineon Technologies AG BSM300GB120DLC Datasheet HTML 6Page - Infineon Technologies AG BSM300GB120DLC Datasheet HTML 7Page - Infineon Technologies AG BSM300GB120DLC Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
62mm C-Serien Modul mit low loss IGBT2 und EmCon Diode
62mm C-series module with low loss IGBT2 and EmCon diode
1
Technische Information / technical information
BSM300GB120DLC
IGBT-Module
IGBT-modules
!
IGBT-Wechselrichter / IGBT-inverter
Höchstzulässige Werte / maximum rated values
"
#
$
%
%
&'( ) *+,
-./0
-
"
1
%
1,
&. )
+,2 &'( ) * +,
&. ) *+,2 &'( ) * +,
3. 456
3.
7 *
8
8
9
"
$
:
"
; )
3.<=
7
8
>
-
%
?
&. ) *+,2 &'( ) * +,
9@5@
*
>
#
$
:
%
%
"
%
-A/0
BC
-
Charakteristische Werte / characteristic values
!
!
D!
"
#
$E %
%
%
%
3. )
82 -A/ ) * -
3. )
82 -A/ ) * -
-./ FG@
2
2H
27
-
-
&'( ) *+,
&'( )
*+,
>
$
?
%
%
%
3. )
2
82 -./ ) -A/2 &'( ) *+,
-A/@I
H2*
*2*
72*
-
>
%
%
%
-A/ )
* - !!! B * -
JA
2
K,
3
>
?
%
&'( ) *+,
AL4@
2
M
# %
% "
: E
)
N:2 &'( ) *+,2 -./ ) * -2 -A/ )
-
,LOF
2
P
Q "? "
% "
: E
)
N:2 &'( ) *+,2 -./ ) * -2 -A/ )
-
,ROF
2H
P
"
#
-./ )
-2 -A/ )
-2 &'( ) *+,
3./0
*2
8
>
#
%
" %
-./ )
-2 -A/ )
-2 &'( ) *+,
3A/0
H
8
#
:S%
% :
T
! U
V
T
V
3. )
82 -./ ) 7
-
-A/ ) W * -
A54 ) 2 M
X 54
2
2
K
K
&'( ) *+,
&'( )
*+,
8
% :
T
"
U
V
T
V
3. )
82 -./ ) 7
-
-A/ ) W * -
A54 ) 2 M
R
2 7
2
K
K
&'( ) *+,
&'( )
*+,
8
:S%
% :
T
! U
V
T
V
3. )
82 -./ ) 7
-
-A/ ) W * -
A5YY ) 2 M
X 5YY
2**
2*
K
K
&'( ) *+,
&'( )
*+,
P
:
T
"
U
V
T
V
3. )
82 -./ ) 7
-
-A/ ) W * -
A5YY ) 2 M
Y
2
2
K
K
&'( ) *+,
&'( )
*+,
#
%
9
%
3. )
82 -./ ) 7
-2 U0 ) 7
N
-A/ ) W * -2
C
) 7
8CK T&'()
*+,V
A54 ) 2 M
#54
H2
*2
Z
Z
&'( ) *+,
&'( )
*+,
8
%
9
%
3. )
82 -./ ) 7
-2 U0 ) 7
N
-A/ ) W * -2
C
) H
-CK T&'()
*+,V
A5YY ) 2 M
#5YY
*2
72
Z
Z
&'( ) *+,
&'( )
*+,
:
$,
-A/ [ * -2 -.. ) \
-
-./6G] ) -./0 UF./ ^ C
30.
8
&'( )
*+,
; [
K 2
3
E
?
2 _
3>`&
3>`&
@Ia.
2 *
C
b
%
%
E
?
2
"
3>`& C
3>`&
c;GF@O )
CT ^ V C
cdROGFO )
CT ^ V
@I.e
2
C


Similar Part No. - BSM300GB120DLC

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM300GB60DLC EUPEC-BSM300GB60DLC Datasheet
131Kb / 9P
   IGBT-Modules
More results

Similar Description - BSM300GB120DLC

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM400GA120DLC EUPEC-BSM400GA120DLC_04 Datasheet
304Kb / 8P
   62mm C-series module with low loss IGBT2 and EmCon diode
BSM200GAL120DLC EUPEC-BSM200GAL120DLC Datasheet
338Kb / 10P
   62mm C-series module with low loss IGBT2 and EmCon diode
logo
Infineon Technologies A...
BSM150GB120DLC INFINEON-BSM150GB120DLC Datasheet
263Kb / 8P
   62mm C-series module with low loss IGBT2 and EmCon diode
2007-09-11 revision:3.3
logo
eupec GmbH
FF200R17KE3 EUPEC-FF200R17KE3_07 Datasheet
267Kb / 8P
   62mm C-series module with trench/fieldstop IGBT and EmCon diode
FZ400R17KE3 EUPEC-FZ400R17KE3 Datasheet
266Kb / 8P
   62mm C-series module with trench/fieldstop IGBT and EmCon diode
logo
Infineon Technologies A...
FF300R12KT4 INFINEON-FF300R12KT4 Datasheet
287Kb / 8P
   62mm C-series module with fast trench/fieldstop IGBT4 and optimized EmCon Diode
2008-01-25 revision:2.1
FF400R12KE3 INFINEON-FF400R12KE3 Datasheet
265Kb / 8P
   62mm C-Series module with trench/fieldstopp IGBT3 and EmCon High Efficiency diode
2007-09-11 revision:3.1
FD200R12KE3 INFINEON-FD200R12KE3 Datasheet
291Kb / 9P
   62mm C-series module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2008-08-06 revision:3.3
logo
eupec GmbH
FD400R12KE3_B5 EUPEC-FD400R12KE3_B5 Datasheet
274Kb / 8P
   62mm C-series module with trench/fieldstop IGBT3 and EmCon High Efficiency series diode
FF150R12KE3G EUPEC-FF150R12KE3G Datasheet
288Kb / 8P
   62mm C-series module with the trench/fieldstop IGBT3 and Emcon High Efficiency diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com