Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO080P03NS3EG Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSO080P03NS3EG
Description  OptiMOSTM3 P3-Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO080P03NS3EG Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSO080P03NS3EG Datasheet HTML 1Page - Infineon Technologies AG BSO080P03NS3EG Datasheet HTML 2Page - Infineon Technologies AG BSO080P03NS3EG Datasheet HTML 3Page - Infineon Technologies AG BSO080P03NS3EG Datasheet HTML 4Page - Infineon Technologies AG BSO080P03NS3EG Datasheet HTML 5Page - Infineon Technologies AG BSO080P03NS3EG Datasheet HTML 6Page - Infineon Technologies AG BSO080P03NS3EG Datasheet HTML 7Page - Infineon Technologies AG BSO080P03NS3EG Datasheet HTML 8Page - Infineon Technologies AG BSO080P03NS3EG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
 ' $  %  # '   
 (E= <A@=A@05.>.0@2>6?@60?
 (E= 1 >.6;?<A>02 <; >2?6?@.;02
$ 94S") 9H ( W   T
' 9H"\[#4S"$ 9 ( W   T
A2 B
2 > 6D
6B
 ) =H
A2 B
2 > 6D
6B
 ) =H
 (E= @>.;?32>05.>.0@2>6?@60?
 (E= 3<>C .>1 @>.;?0<;1 A0@.;02
$ 94S") =H K
) 9Hg5*g$ 9g' 9H"\[#ZNd
, S_4S"$ 9 ( W   T
A2 B
2 > 6D
6B
 ( W
  .
 .
 .
.
*
+
,
-
.
/
0
('
((
()
(*
(+
(,
'
('
)'
*'
+'
,'
-'
" 5 , -
  T
 T
'
('
)'
*'
+'
,'
-'
'
(
)
*
+
,
-
' 8C ,* -
  .
 .
  .
  .
 .
.
'
)'
+'
-'
'
(
)
*
' 5C ,* -
'
('
)'
*'
+'
,'
-'
'
('
)'
*'
+'
" 5 , -
+ 6F 
A2 86 
  


Similar Part No. - BSO080P03NS3EG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO080P03NS3G INFINEON-BSO080P03NS3G Datasheet
658Kb / 9P
   OptiMOSTM3 P3-Power-Transistor
Rev.2.2 2010-05-06
More results

Similar Description - BSO080P03NS3EG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO080P03NS3G INFINEON-BSO080P03NS3G Datasheet
658Kb / 9P
   OptiMOSTM3 P3-Power-Transistor
Rev.2.2 2010-05-06
IPP110N20NA INFINEON-IPP110N20NA Datasheet
694Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-05-11
IPP200N25N3G INFINEON-IPP200N25N3G_11 Datasheet
764Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-07-14
IPP114N12N3G INFINEON-IPP114N12N3G_11 Datasheet
309Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-11-25
IPA126N10N3G INFINEON-IPA126N10N3G Datasheet
283Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-07-09
BSZ520N15NS3G INFINEON-BSZ520N15NS3G Datasheet
625Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev.2.2 2010-01-25
BSC109N10NS3G INFINEON-BSC109N10NS3G Datasheet
661Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev.2.0 2010-03-25
BSZ12DN20NS3G INFINEON-BSZ12DN20NS3G Datasheet
680Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
427Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
IPB107N20N3G INFINEON-IPB107N20N3G_11 Datasheet
696Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.3 2011-07-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com