Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO201SPH Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BSO201SPH
Description  OptiMOS P-Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO201SPH Datasheet(HTML) 7 Page - Infineon Technologies AG

  BSO201SPH Datasheet HTML 1Page - Infineon Technologies AG BSO201SPH Datasheet HTML 2Page - Infineon Technologies AG BSO201SPH Datasheet HTML 3Page - Infineon Technologies AG BSO201SPH Datasheet HTML 4Page - Infineon Technologies AG BSO201SPH Datasheet HTML 5Page - Infineon Technologies AG BSO201SPH Datasheet HTML 6Page - Infineon Technologies AG BSO201SPH Datasheet HTML 7Page - Infineon Technologies AG BSO201SPH Datasheet HTML 8Page - Infineon Technologies AG BSO201SPH Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BSO201SP H
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 Ω
V GS=f(Q gate); I D=-14.9 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=0.25 mA
18
18.5
19
19.5
20
20.5
21
21.5
22
22.5
23
-60
-20
20
60
100
140
180
T j [°C]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
25 °C
100 °C
125 °C
0.1
1
10
100
1
10
100
1000
t AV [µs]
4 V
10 V
16 V
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
- Q gate [nC]
Rev.1.32
page 7
2009-12-21


Similar Part No. - BSO201SPH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO201SP INFINEON-BSO201SP Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-21
More results

Similar Description - BSO201SPH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD50P03L INFINEON-SPD50P03L Datasheet
77Kb / 8P
   OptiMOS-P Power - Transistor
2001-12-06
BSC080P03LSG INFINEON-BSC080P03LSG Datasheet
311Kb / 9P
   OptiMOS??P Power-Transistor
Rev. 1.04 2010-05-04
BSO203SPH INFINEON-BSO203SPH Datasheet
303Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.31 2010-02-10
IPP80P03P3L-04 INFINEON-IPP80P03P3L-04 Datasheet
226Kb / 4P
   OptiMOS-P Power-Transistor
2004-03-04
BSO301SPH INFINEON-BSO301SPH Datasheet
331Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.32 2010-05-12
SPD50P03LG INFINEON-SPD50P03LG Datasheet
633Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.8 2008-07-10
BSO203PH INFINEON-BSO203PH Datasheet
321Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.31 2010-02-15
BSO303SPH INFINEON-BSO303SPH Datasheet
338Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.1 2010-05-12
BSO211PH INFINEON-BSO211PH Datasheet
321Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.3 2010-02-10
BSC130P03LSG INFINEON-BSC130P03LSG Datasheet
311Kb / 9P
   OptiMOS??P Power-Transistor
Rev. 1.04 2010-05-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com