Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3496 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3496
Description  60V Triple Step-Down LED Driver Programmable Temperature Protection
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3496 Datasheet HTML 2Page - Linear Technology LT3496 Datasheet HTML 3Page - Linear Technology LT3496 Datasheet HTML 4Page - Linear Technology LT3496 Datasheet HTML 5Page - Linear Technology LT3496 Datasheet HTML 6Page - Linear Technology LT3496 Datasheet HTML 7Page - Linear Technology LT3496 Datasheet HTML 8Page - Linear Technology LT3496 Datasheet HTML 9Page - Linear Technology LT3496 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3597
6
3597f
TYPICAL PERFORMANCE CHARACTERISTICS
Loop Regulation Voltage
LED Current
LED Current Matching
LED Current vs PWM Duty Cycle
LED Current vs CTRL
Adaptive Loop Operation
Boost Diode VF
Soft-Start
60V Switching Waveforms
TA = 25°C, unless otherwise noted.
0
400
500
600
700
300
200
100
10
3597 G10
0
800
8
6
4
2
DIODE CURRENT (mA)
–40°C
25°C
125°C
VOUT
20V/DIV
IL
100mA/DIV
VSW
20V/DIV
VEN/UVLO
5V/DIV
3597 G11
400µs/DIV
VOUT
20V/DIV
IL
100mA/DIV
VSW
20V/DIV
3597 G12
400ns/DIV
–50
1.1
1.2
1.0
75
125
3597 G13
0.9
1.4
1.3
50
25
0
–25
100
VFB
TEMPERATURE (°C)
VLED
(ADAPTIVE LOOP)
–50
99
100
98
75
125
3597 G14
97
103
101
102
50
25
0
–25
100
CH2
CH3
TEMPERATURE (°C)
CH1
–50
0
0.25
–0.25
75
125
3597 G15
–0.50
0.50
50
25
0
–25
100
CH2
CH3
TEMPERATURE (°C)
CH1
0.001
0.1
1
0.01
0.001
100
3597 G16
0.0001
100
10
10
1
0.1
0.01
DUTY CYCLE (%)
0
60
80
40
20
1.5
3597 G17
0
120
100
1.25
1
0.75
0.5
0.25
CTRL VOLTAGE (V)
VOUT
10V/DIV
VLED
10V/DIV
ILED
100mA/DIV
VSW
20V/DIV
3597 G18
400µs/DIV


Similar Part No. - LT3496

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3496 LINER-LT3496 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3496 LINER-LT3496 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3496 LINER-LT3496 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3496 LINEAR_DIMENSIONS-LT3496 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
More results

Similar Description - LT3496

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3597 LINER-LT3597_15 Datasheet
400Kb / 24P
   60V Triple Step-Down LED Driver
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
   60V Step-Down LED Driver
LT3596 LINER-LT3596 Datasheet
435Kb / 20P
   60V Step-Down LED Driver
logo
Diodes Incorporated
AL8862 DIODES-AL8862 Datasheet
489Kb / 16P
   60V 1A STEP-DOWN LED DRIVER
logo
Linear Technology
LT3763 LINER-LT3763_15 Datasheet
345Kb / 30P
   60V High Current Step-Down LED Driver Controller
logo
Analog Devices
EVAL-LT8376-AZ AD-EVAL-LT8376-AZ Datasheet
1Mb / 10P
   60V, 2A Silent Switcher Synchronous Step-Down LED Driver
Rev 0
logo
Shenzhen Huazhimei Semi...
HM2675HV HMSEMI-HM2675HV Datasheet
501Kb / 7P
   3A-60V LED Step-Down Converter
logo
Diodes Incorporated
AP8802H DIODES-AP8802H Datasheet
197Kb / 11P
   60V 1A LED Step-down Converter
DS32227 Rev. 1 - 2
logo
Monolithic Power System...
MP2489 MPS-MP2489 Datasheet
419Kb / 13P
   Step Down White LED Driver with Wide 6V.60V Input Voltage
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
   Step-Down 1A LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com