Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO303PH Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSO303PH
Description  OptiMOS-P Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO303PH Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSO303PH Datasheet HTML 1Page - Infineon Technologies AG BSO303PH Datasheet HTML 2Page - Infineon Technologies AG BSO303PH Datasheet HTML 3Page - Infineon Technologies AG BSO303PH Datasheet HTML 4Page - Infineon Technologies AG BSO303PH Datasheet HTML 5Page - Infineon Technologies AG BSO303PH Datasheet HTML 6Page - Infineon Technologies AG BSO303PH Datasheet HTML 7Page - Infineon Technologies AG BSO303PH Datasheet HTML 8Page - Infineon Technologies AG BSO303PH Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BSO303P H
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
-3 V
-3.5 V
-4 V
-4.5 V
-5 V
-6 V
-8 V
-10 V
0
10
20
30
40
50
60
70
0
10
203040
-I D [A]
25 °C
150 °C
0
10
20
30
01
23
4
-V GS [V]
0
10
20
30
40
010
20
30
-I D [A]
-2.5 V
-3.0 V
-3.5 V
-4.0 V
-5 V
-4.5 V
-6 V
-10 V
0
10
20
30
40
50
60
02
46
8
10
-V DS [V]
Rev. 1.3
page 5
2010-02-10


Similar Part No. - BSO303PH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO303P INFINEON-BSO303P Datasheet
84Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2002-01-08
More results

Similar Description - BSO303PH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS223PW INFINEON-BSS223PW Datasheet
74Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2002-07-04
BSL207SP INFINEON-BSL207SP_07 Datasheet
843Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSS209PW INFINEON-BSS209PW Datasheet
75Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-05
BSO080P03S INFINEON-BSO080P03S Datasheet
275Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.0 2004-01-21
BSO204P INFINEON-BSO204P Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-03
BSS223PW INFINEON-BSS223PW_06 Datasheet
391Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
BSO203SP INFINEON-BSO203SP Datasheet
92Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2004-06-03
BSL211SP INFINEON-BSL211SP_07 Datasheet
589Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSO201SP INFINEON-BSO201SP Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-21
BSS209PW INFINEON-BSS209PW_06 Datasheet
284Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com