Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP75N Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSP75N
Description  Smart Lowside Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP75N Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSP75N Datasheet HTML 2Page - Infineon Technologies AG BSP75N Datasheet HTML 3Page - Infineon Technologies AG BSP75N Datasheet HTML 4Page - Infineon Technologies AG BSP75N Datasheet HTML 5Page - Infineon Technologies AG BSP75N Datasheet HTML 6Page - Infineon Technologies AG BSP75N Datasheet HTML 7Page - Infineon Technologies AG BSP75N Datasheet HTML 8Page - Infineon Technologies AG BSP75N Datasheet HTML 9Page - Infineon Technologies AG BSP75N Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HITFETBSP 75N
Data Sheet Rev. 1.4
6
2008-07-10
Slew rate on
70 to 50%
V
BB:
-d
V
DS/
d
t
on
5
10
V/
µs
R
L = 22 Ω,
V
IN = 0 to 10 V,
V
BB = 12 V
Slew rate off
50 to 70%
V
BB:
d
V
DS/
d
t
off
10
15
V/
µs
R
L = 22 Ω,
V
IN = 10 to 0 V,
V
BB = 12 V
Protection Functions
2)
Thermal overload trip
temperature
T
jt
150
165
180
°C
Thermal hysteresis
T
jt
10
Κ
Unclamped single pulse inductive
energy
T
j = 25 °C
T
j = 150 °C
E
AS
550
200
mJ
I
D(ISO) = 0.7 A,
V
BB = 32 V
Inverse Diode
Continuous source drain voltage
V
SD
1
V
V
IN = 0 V,
-
I
D = 2 × 0.7 A
1)
See also Figure 9.
2)
Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
datasheet. Fault conditions are considered as “outside” normal operating range. Protection functions are not
designed for continuous, repetitive operation.
Electrical Characteristics (cont’d)
T
j = 25 °C, unless otherwise specified
Parameter
Sym-
bol
Limit Values
Unit Test Conditions
min. typ.
max.


Similar Part No. - BSP75N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP75N INFINEON-BSP75N Datasheet
253Kb / 14P
   Smart Lowside Power Switch
V1.0 2003-01-10
logo
Zetex Semiconductors
BSP75N ZETEX-BSP75N Datasheet
644Kb / 8P
   60V self-protected low-side IntellifetTM MOSFET switch
logo
Diodes Incorporated
BSP75N DIODES-BSP75N Datasheet
866Kb / 9P
   60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
BSP75NQ DIODES-BSP75NQ Datasheet
865Kb / 9P
   60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
BSP75NQTA DIODES-BSP75NQTA Datasheet
865Kb / 9P
   60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
More results

Similar Description - BSP75N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
logo
Siemens Semiconductor G...
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS149 INFINEON-BTS149 Datasheet
309Kb / 10P
   Smart Lowside Power Switch
2004-02-02
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
   Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
logo
Siemens Semiconductor G...
OBTS149 SIEMENS-OBTS149 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
OBTS917 SIEMENS-OBTS917 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS134D INFINEON-BTS134D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com