Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP78 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSP78
Description  Smart Low Side Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP78 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSP78_08 Datasheet HTML 2Page - Infineon Technologies AG BSP78_08 Datasheet HTML 3Page - Infineon Technologies AG BSP78_08 Datasheet HTML 4Page - Infineon Technologies AG BSP78_08 Datasheet HTML 5Page - Infineon Technologies AG BSP78_08 Datasheet HTML 6Page - Infineon Technologies AG BSP78_08 Datasheet HTML 7Page - Infineon Technologies AG BSP78_08 Datasheet HTML 8Page - Infineon Technologies AG BSP78_08 Datasheet HTML 9Page - Infineon Technologies AG BSP78_08 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1 Maximum allowable power dissipation
Ptot = f(TS) resp.
Ptot = f(TA) @ RthJA=72 K/W
-75
-50
-25
0
25
50
75
100
°C
150
TS ;TA
0
1
2
3
4
5
6
7
8
W
10
6cm2
max.
2 On-state resistance
RON = f(Tj); ID=3A; VIN=10V
-50
-25
0
25
50
75
100
125
°C
175
Tj
0
10
20
30
40
50
60
70
80
m
W
100
typ.
max.
3 On-state resistance
RON = f(Tj); ID= 3A; VIN=5V
-50
-25
0
25
50
75
100
125
°C
175
Tj
0
10
20
30
40
50
60
70
80
90
m
W
110
typ.
max.
4 Typ. input threshold voltage
VIN(th) = f(Tj); ID = 0.7 mA; VDS = 12V
-50
-25
0
25
50
75
100
°C
150
Tj
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
V
2
Datasheet
6
Rev. 1.3, 2008-04-14
Smart Low Side Power Switch
HITFET BSP 78


Similar Part No. - BSP78_08

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP78 SIEMENS-BSP78 Datasheet
107Kb / 10P
   Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal shutdown with auto restart)
logo
Infineon Technologies A...
BSP78 INFINEON-BSP78 Datasheet
332Kb / 10P
   Smart Lowside Power Switch
2004-03-05
More results

Similar Description - BSP78_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com