Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP149 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BSP149
Description  SIPMOS Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP149 Datasheet(HTML) 7 Page - Infineon Technologies AG

  BSP149 Datasheet HTML 1Page - Infineon Technologies AG BSP149 Datasheet HTML 2Page - Infineon Technologies AG BSP149 Datasheet HTML 3Page - Infineon Technologies AG BSP149 Datasheet HTML 4Page - Infineon Technologies AG BSP149 Datasheet HTML 5Page - Infineon Technologies AG BSP149 Datasheet HTML 6Page - Infineon Technologies AG BSP149 Datasheet HTML 7Page - Infineon Technologies AG BSP149 Datasheet HTML 8Page - Infineon Technologies AG BSP149 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BSP149
13 Forward characteristics of reverse diode
15 Typ. gate charge
I F=f(V SD)
V GS=f(Q gate); I D=0.5 A pulsed
parameter: T j
parameter: V DD
16 Drain-source breakdown voltage
V BR(DSS)=f(T j); I D=250 µA
160
200
240
-60
-20
20
60
100
140
180
T j [°C]
0.2 VDS(max)
0.5 VDS(max)
0.8 VDS(max)
-4
-3
-2
-1
0
1
2
3
4
5
02
46
8
10
12
Q gate [nC]
25 °C
150 °C
25 °C, 98%
0.12 A
0.01
0.1
1
10
0
0.5
1
1.5
2
V SD [V]
150 °C,
98%
25 °C, 98%
Rev. 1.2
page 7
2005-11-28


Similar Part No. - BSP149

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP149 SIEMENS-BSP149 Datasheet
328Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
logo
Infineon Technologies A...
BSP149 INFINEON-BSP149 Datasheet
206Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.0 2003-04-03
logo
TECH PUBLIC Electronics...
BSP149 TECHPUBLIC-BSP149 Datasheet
2Mb / 5P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - BSP149

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com