Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP315P Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BSP315P
Description  SIPMOS Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP315P Datasheet(HTML) 8 Page - Infineon Technologies AG

  BSP315P_07 Datasheet HTML 1Page - Infineon Technologies AG BSP315P_07 Datasheet HTML 2Page - Infineon Technologies AG BSP315P_07 Datasheet HTML 3Page - Infineon Technologies AG BSP315P_07 Datasheet HTML 4Page - Infineon Technologies AG BSP315P_07 Datasheet HTML 5Page - Infineon Technologies AG BSP315P_07 Datasheet HTML 6Page - Infineon Technologies AG BSP315P_07 Datasheet HTML 7Page - Infineon Technologies AG BSP315P_07 Datasheet HTML 8Page - Infineon Technologies AG BSP315P_07 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BSP 315 P
Avalanche Energy
EAS = f (Tj)
parameter:
ID = -1.17 A , VDD = -25 V
RGS = 25 Ω
25
45
65
85
105
125
°C
165
Tj
0
5
10
15
mJ
25
Typ. gate charge
VGS = f (QGate)
parameter:
ID = -1.17 A pulsed
0.0
1.0
2.0
3.0
4.0
5.0
6.0
nC
8.0
QGate
0
-2
-4
-6
-8
-10
-12
V
-16
BSP 315 P
DS max
V
0,8
DS max
V
0,2
Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
°C
180
Tj
-54
-56
-58
-60
-62
-64
-66
-68
V
-72
BSP 315 P
2007-02-08
Rev.1.4
Page 8


Similar Part No. - BSP315P_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP315P-E6327 INFINEON-BSP315P-E6327 Datasheet
543Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev.1.7 2012-11-26
BSP315PL6327 INFINEON-BSP315PL6327 Datasheet
576Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev 2.53 2012-11-26
BSP315PL6327HTSA1 INFINEON-BSP315PL6327HTSA1 Datasheet
486Kb / 10P
   SIPMOS Small-Signal-Transistor
Rev.1.7 2012-11-26
More results

Similar Description - BSP315P_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com