Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP318S Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSP318S
Description  SIPMOS Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP318S Datasheet(HTML) 6 Page - Infineon Technologies AG

  BSP318S Datasheet HTML 1Page - Infineon Technologies AG BSP318S Datasheet HTML 2Page - Infineon Technologies AG BSP318S Datasheet HTML 3Page - Infineon Technologies AG BSP318S Datasheet HTML 4Page - Infineon Technologies AG BSP318S Datasheet HTML 5Page - Infineon Technologies AG BSP318S Datasheet HTML 6Page - Infineon Technologies AG BSP318S Datasheet HTML 7Page - Infineon Technologies AG BSP318S Datasheet HTML 8Page - Infineon Technologies AG BSP318S Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2008-03-21
Page 6
BSP318S
Rev 2.2
Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter:
tp = 80 µs
0.0
0.5 1.0
1.5 2.0
2.5 3.0
3.5 4.0 V
5.0
VDS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
A
6.5
BSP318S
V
GS
[V]
a
a
2.0
b
b
2.5
c
c
3.0
d
d
3.5
e
e
4.0
f
f
4.5
g
g
5.0
h
h
5.5
i
i
6.0
j
j
7.0
k
k
8.0
l
Ptot = 1.80W
l
10.0
Typ. transfer characteristics
ID= f ( VGS )
VDS≥ 2 x ID x RDS(on)max
parameter:
tp = 80 µs
0
1
2
3
4
5
6
7
8
V
10
VGS
0
1
2
3
4
5
6
7
8
9
10
11
12
A
15
Drain-source on-resistance
RDS(on) = f (Tj)
parameter :
ID = 2.6 A, VGS = 4.5 V
-60
-20
20
60
100
°C
180
Tj
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.36
BSP318S
typ
98%
Gate threshold voltage
VGS(th) = f (Tj)
parameter:
VGS = VDS, ID = 20 µA
-60
-20
20
60
100
140
°C
200
Tj
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
V
3.0
min
typ
max


Similar Part No. - BSP318S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP318S SIEMENS-BSP318S Datasheet
129Kb / 8P
   SIPMOS Small-Signal Transistor(N channel Enhancement mode Logic Level Avalanche rated)
logo
Infineon Technologies A...
BSP318S INFINEON-BSP318S Datasheet
76Kb / 9P
   SIPMOS Small-Signal-Transistor
1999-10-28
logo
TECH PUBLIC Electronics...
BSP318S TECHPUBLIC-BSP318S Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - BSP318S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com