Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3721-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3721-1
Description  Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3721-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC3721-1 Datasheet HTML 1Page - Linear Technology LTC3721-1 Datasheet HTML 2Page - Linear Technology LTC3721-1 Datasheet HTML 3Page - Linear Technology LTC3721-1 Datasheet HTML 4Page - Linear Technology LTC3721-1 Datasheet HTML 5Page - Linear Technology LTC3721-1 Datasheet HTML 6Page - Linear Technology LTC3721-1 Datasheet HTML 7Page - Linear Technology LTC3721-1 Datasheet HTML 8Page - Linear Technology LTC3721-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LT4430
4
4430fb
TYPICAL PERFORMANCE CHARACTERISTICS
Feedback Reference Voltage
vs Temperature
FB Voltage Line Regulation
FB Input Bias Current
vs Temperature
TEMPERATURE (°C)
–75 –50
0.594
0.595
0.596
0.598
0.600
0.602
050
100
150
4430 G03
0.604
0.597
0.599
0.601
0.603
0.605
0.606
–25
25
75
125
VIN (V)
0
0.5990
0.5995
0.6000
0.6005
48
12
20
4430 G04
0.6010
26
10
14 16 18
TA = 25°C
TEMPERATURE (°C)
–75 –50
–200
–175
–150
–100
–50
0
050
100
150
4430 G05
–125
–75
–25
25
50
–25
25
75
125
OC Charging Current
vs Input Voltage
OC Charging Current
vs Temperature
OC Clamp Voltage
vs Temperature
OC Amplifier Offset Voltage
vs Temperature
VIN (V)
0
510
15
4430 G06
20
15
13
11
9
7
5
TEMPERATURE (°C)
–75 –50
5
7
9
11
13
050
100
150
4430 G07
15
–25
25
75
125
VIN = 5V
TEMPERATURE (°C)
–75 –50
0.5
0.7
0.9
1.1
1.3
050
100
150
4430 G08
1.5
–25
25
75
125
TEMPERATURE (°C)
–75 –50
0
10
20
40
60
80
050
100
150
4430 G09
30
50
70
90
100
–25
25
75
125
Quiescent Current vs Temperature
Undervoltage Lockout Threshold
vs Temperature
TEMPERATURE (°C)
–50
–75
1.0
1.5
2.0
2.5
3.0
050
100
150
4430 G01
3.5
4.0
–25
25
75
125
VIN = 3V
VIN = 20V
TEMPERATURE (°C)
–75 –50
1.0
1.5
2.0
2.5
050
100
150
4430 G02
3.0
–25
25
75
125


Similar Part No. - LTC3721-1

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
LTC3721-1 LINER-LTC3721-1 Datasheet
282Kb / 20P
   Synchronous Rectifier Driver for Forward Converters
LTC3721-1 LINER-LTC3721-1 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
More results

Similar Description - LTC3721-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
   Secondary-Side Opto-Coupler Driver
logo
List of Unclassifed Man...
OC250 ETC1-OC250 Datasheet
196Kb / 2P
   Opto Coupler
logo
Voltage Multipliers Inc...
OC250 VMI-OC250 Datasheet
200Kb / 2P
   Opto Coupler
logo
List of Unclassifed Man...
OC100 ETC-OC100 Datasheet
157Kb / 2P
   Opto Coupler
logo
Voltage Multipliers Inc...
OC100HG VMI-OC100HG Datasheet
126Kb / 3P
   Opto Coupler
OC100 VMI-OC100 Datasheet
122Kb / 2P
   Opto Coupler
OC250 VMI-OC250_13 Datasheet
106Kb / 2P
   Opto Coupler ??Epoxy Molded
logo
Linear Technology
LT3804 LINER-LT3804_15 Datasheet
265Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
LT3804 LINER-LT3804 Datasheet
264Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
logo
Isahaya Electronics Cor...
M57159L-01R ISAHAYA-M57159L-01R Datasheet
313Kb / 7P
   Built-in high CMR opto-coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com