Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1760 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1760
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1760_11 Datasheet HTML 3Page - Linear Technology LTC1760_11 Datasheet HTML 4Page - Linear Technology LTC1760_11 Datasheet HTML 5Page - Linear Technology LTC1760_11 Datasheet HTML 6Page - Linear Technology LTC1760_11 Datasheet HTML 7Page - Linear Technology LTC1760_11 Datasheet HTML 8Page - Linear Technology LTC1760_11 Datasheet HTML 9Page - Linear Technology LTC1760_11 Datasheet HTML 10Page - Linear Technology LTC1760_11 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
LTC1760
7
1760fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH_MODE MODE Input High Voltage (VIH)VVCC2 = 4.85V
l VVCC2 • 0.7
V
MODE Input Current (IIH)
MODE = VVCC2 • 0.7V, VVCC2 = 4.85V
l
–1
1
μA
MODE Input Current (IIL)
MODE = VVCC2 • 0.3V, VVCC2 = 4.85V
l
–1
1
μA
Charger Timing
tTIMEOUT
Timeout for Wake-Up Charging and
Controlled Charging
l
140
175
210
sec
tQUERY
Sampling Rate Used by the LTC1760 to
Update Charging Parameters
1
sec
SMBus Timing
SCL Serial-Clock High Period(tHIGH)
At IPULLUP = 350μA, CLOAD = 150pF (Note 8)
l
4μs
SCL Serial-Clock Low Period (tLOW)
At IPULLUP = 350μA, CLOAD = 150pF (Note 8)
l
4.7
μs
SDA/SCL Rise Time (tr)CLOAD = 150pF, RPU = 9.31k (Note 8)
l
1000
ns
SDA/SCL Fall Time (tf)CLOAD = 150pF, RPU = 9.31k (Note 8)
l
300
ns
SMBus Accelerator Trip Voltage Range
l
0.8
1.42
V
Start-Condition Setup Time (tSU:STA)
l
4.7
μs
Start-Condition Hold Time (tHD:STA)
l
4μs
SDA to SCL Rising-Edge
Setup Time (tSU:DAT)
l
250
ns
SDA to SCL Falling-Edge Hold Time,
Slave Clocking in Data (tHD:DAT)
l
300
ns
tTIMEOUT_
SMB
The LTC1760 will Release the SMBus
and Terminate the Current Master or
Slave Command if the Command is not
Completed Before this Time
l
25
35
ms
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 6). VDCIN = 20V, VBAT1 = 12V, VBAT2 = 12V, VVDDS = 3.3V,
VVCC2 = 5.2V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Battery voltage must be adequate to drive gates of PowerPath
P-channel FET switches. This does not affect charging voltage of the
battery, which can be zero volts during wake-up charging.
Note 3: DCIN, BAT1, BAT2 are held at 12V and GDCI, GB1I, GB2I are
forced to 10.5V. SCP is set at 12V to measure source current at GDCI,
GB1I and GB2I. SCP is set at 11.9V to measure sink current at GDCI, GB1I
and GB2I.
Note 4: Extrapolated from testing with CL = 50pF.
Note 5: Accuracy dependent upon external sense resistor and
compensation components.
Note 6: The LTC1760 is tested under pulsed load conditions such that TJ
TA. The LTC1760C is guaranteed to meet specifications from 0°C to 70°C
junction temperature. Specifications over the –40°C to 85°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC1760I is guaranteed
over the –40°C to 125°C operating junction temperature range.
Note 7: Charger servos to the value reported by a Voltage() query. This is
the internal cell voltage measured by the battery electronics and may be
lower than the terminal voltage. Refer to “Operation Section 3.7” for more
information.
Note 8: CLOAD is the combined capacitance on the host’s SMBus
connection and the selected battery’s SMBus connection.
Note 9: CLOAD_MAX is the maximum allowed combined capacitance on
THxA, THxB and the battery’s SafetySignalx connections.
Note 10: Does not include current supplied by VCC to VCC2 (IVCC2_AC1 or
IVCC2_AC0)
Note 11: Measured with thermistors not present, RVLIMIT and RILIMIT
removed and SMBALERT = 1. See Applications Information section:
“Calculating IC Operating Current” for example on how to calculate total IC
operating current.
Note 12: Requested currents below 44mV/RSENSE may not servo correctly
due to charger offsets. The charging current for requested currents below
4mV/RSENSE will be between 4mV/RSENSE and (Requested Current – 8mA).
Refer to Applications Information: “Setting Charger Output Current Limit”
for values of RSENSE.
Note 13: This limit is greater than the absolute maximum for the charger.
Therefore, there is no effective limitation for the voltage when this option
is selected.
Note 14: Does not apply to Wake-Up Mode.


Similar Part No. - LTC1760_11

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_15 Datasheet
376Kb / 48P
   Dual Smart Battery System Manager
More results

Similar Description - LTC1760_11

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_15 Datasheet
376Kb / 48P
   Dual Smart Battery System Manager
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
LT6301 LINER-LT6301_15 Datasheet
252Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT6301 LINER-LT6301 Datasheet
225Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
logo
Estek Electronics Co. L...
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
   available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
   Battery Manager
2014
logo
KEC(Korea Electronics)
KMC7D0CN20C KEC-KMC7D0CN20C Datasheet
368Kb / 1P
   TSSOP-8 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com