Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1760 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1760
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760 Datasheet(HTML) 5 Page - Linear Technology

  LTC1760_11 Datasheet HTML 1Page - Linear Technology LTC1760_11 Datasheet HTML 2Page - Linear Technology LTC1760_11 Datasheet HTML 3Page - Linear Technology LTC1760_11 Datasheet HTML 4Page - Linear Technology LTC1760_11 Datasheet HTML 5Page - Linear Technology LTC1760_11 Datasheet HTML 6Page - Linear Technology LTC1760_11 Datasheet HTML 7Page - Linear Technology LTC1760_11 Datasheet HTML 8Page - Linear Technology LTC1760_11 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
LTC1760
5
1760fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCOFF
CH Gate Off Voltage
GCH1
GCH2
ILOAD =10μA
VGCH1 – VSCH1
VGCH2 – VSCH2
–0.8
–0.8
–0.4
–0.4
0
0
V
V
VTOC
CH Switch Reverse Turn-Off Voltage
VBATX – VCSN, 5V ≤ VBATX ≤ 28V
C-Grade (Note 6)
I-Grade (Note 6)
l
l
5
2
20
20
40
40
mV
mV
VFC
CH Switch Forward Regulation Voltage
VCSN – VBATX, 5V ≤ VBATX ≤ 28V
l
15
35
60
mV
IOC(SRC)
IOC(SNK)
GCH1/GCH2 Active Regulation:
Max Source Current
Max Sink Current
VGCHX – VSCHX = 1.5V
–2
2
μA
μA
VCHMIN
BATX Voltage Below Which
Charging is Inhibited
(Note 14)
3.5
4.7
V
PowerPath Switches
tDLY
Blanking Period after UVLO Trip
Switches Held Off
250
ms
tPPB
Blanking Period after LOPWR Trip
Switches in 3-Diode Mode
1
sec
tONPO
GB1O/GB2O/GDCO Turn-On Time
VGS < –3V, from Time of Battery/DC
Removal, or LOPWR Indication, CLOAD = 3000pF
l
510
μs
tOFFPO
GB1O/GB2O/GDCO Turn-Off Time
VGS > –1V, from Time of Battery/DC
Removal, or LOPWR Indication, CLOAD = 3000pF
l
37
μs
VPONO
Output Gate Clamp Voltage
GB1O
GB2O
GDCO
ILOAD = 1μA
Highest (VBAT1 or VSCP) – VGB1O
Highest (VBAT2 or VSCP) – VGB2O
Highest (VDCIN or VSCP) – VGDCO
4.75
4.75
4.75
6.25
6.25
6.25
7
7
7
V
V
V
VPOFFO
Output Gate Off Voltage
GB1O
GB2O
GDCO
ILOAD = –25μA
Highest (VBAT1 or VSCP) – VGB1O
Highest (VBAT2 or VSCP) – VGB2O
Highest (VDCIN or VSCP) – VGDCO
0.18
0.18
0.18
0.25
0.25
0.25
V
V
V
VTOP
PowerPath Switch Reverse
Turn-Off Voltage
VSCP – VBATX or VSCP – VDCIN
6V ≤ VSCP ≤ 28V
C-Grade (Note 6)
I-Grade (Note 6)
l
l
5
2
20
20
60
60
mV
mV
VFP
PowerPath Switch Forward
Regulation Voltage
VBATX – VSCP or VDCIN – VSCP
6V ≤ VSCP ≤ 28V
l
025
50
mV
IOP(SRC)
IOP(SNK)
GDCI/GB1I/GB2I Active Regulation:
Source Current
Sink Current
(Note 3)
–4
75
μA
μA
tONPI
Gate B1I/B2I/DCI Turn-On Time
VGS < –3V, CLOAD = 3000pF (Note 4)
300
μs
tOFFPI
Gate B1I/B2I/DCI Turn-Off Time
VGS > –1V, CLOAD = 3000pF (Note 4)
10
μs
VPONI
Input Gate Clamp Voltage
GB1I
GB2I
GDCI
ILOAD = 1μA
Highest (VBAT1 or VSCP) – VGB1I
Highest (VBAT2 or VSCP) – VGB2I
Highest (VDCIN or VSCP) – VGDCI
4.75
4.75
4.75
6.7
6.7
6.7
7.5
7.5
7.5
V
V
V
VPOFFI
Input Gate Off Voltage
GB1I
GB2I
GDCI
ILOAD = –25μA
Highest (VBAT1 or VSCP) – VGB1I
Highest (VBAT2 or VSCP) – VGB2I
Highest (VDCIN or VSCP) – VGDCI
0.18
0.18
0.18
0.25
0.25
0.25
V
V
V
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 6). VDCIN = 20V, VBAT1 = 12V, VBAT2 = 12V, VVDDS = 3.3V,
VVCC2 = 5.2V unless otherwise noted.


Similar Part No. - LTC1760_11

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_15 Datasheet
376Kb / 48P
   Dual Smart Battery System Manager
More results

Similar Description - LTC1760_11

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_15 Datasheet
376Kb / 48P
   Dual Smart Battery System Manager
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
LT6301 LINER-LT6301_15 Datasheet
252Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT6301 LINER-LT6301 Datasheet
225Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
logo
Estek Electronics Co. L...
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
   available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
   Battery Manager
2014
logo
KEC(Korea Electronics)
KMC7D0CN20C KEC-KMC7D0CN20C Datasheet
368Kb / 1P
   TSSOP-8 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com