Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2185 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2185
Description  12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2185 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2185 Datasheet HTML 6Page - Linear Technology LTC2185 Datasheet HTML 7Page - Linear Technology LTC2185 Datasheet HTML 8Page - Linear Technology LTC2185 Datasheet HTML 9Page - Linear Technology LTC2185 Datasheet HTML 10Page - Linear Technology LTC2185 Datasheet HTML 11Page - Linear Technology LTC2185 Datasheet HTML 12Page - Linear Technology LTC2185 Datasheet HTML 13Page - Linear Technology LTC2185 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LTC2145-12/
LTC2144-12/LTC2143-12
10
21454312p
TIMING DIAGRAMS
Double Data Rate LVDS Output Mode Timing
All Outputs Are Differential and Have LVDS Levels
tD
••
tD
tC
tC
tL
BIT 0
A-6
BIT 1
A-6
BIT 0
A-5
BIT 1
A-5
BIT 0
A-4
BIT 1
A-4
BIT 0
A-3
BIT 1
A-3
BIT 0
A-2
BIT 10
A-6
BIT 11
A-6
BIT 10
A-5
BIT 11
A-5
BIT 10
A-4
BIT 11
A-4
BIT 10
A-3
BIT 11
A-3
BIT 10
A-2
ENC
ENC+
D1_0_1+
D1_10_11+
••
BIT 0
B-6
BIT 1
B-6
BIT 0
B-5
BIT 1
B-5
BIT 0
B-4
BIT 1
B-4
BIT 0
B-3
BIT 1
B-3
BIT 0
B-2
BIT 10
B-6
BIT 11
B-6
BIT 10
B-5
BIT 11
B-5
BIT 10
B-4
BIT 11
B-4
BIT 10
B-3
BIT 11
B-3
BIT 10
B-2
OF
B-6
OF
A-6
OF
B-5
OF
A-5
OF
B-4
OF
A-4
OF
B-3
OF
A-3
OF
B-2
D2_0_1+
D2_10_11+
CLKOUT+
CLKOUT
OF2_1+
D1_0_1
D1_10_11
D2_0_1
D2_10_11
OF2_1
21454312 TD03
tH
tAP
A + 1
A + 2
A + 4
A + 3
A
CH 1
ANALOG
INPUT
tAP
B + 1
B + 2
B + 4
B + 3
B
CH 2
ANALOG
INPUT
A6
tS
tDS
A5
A4
A3
A2
A1
A0
XX
D7
D6
D5
D4
D3
D2
D1
D0
XX
XX
XX
XX
XX
XX
XX
CS
SCK
SDI
R/W
SDO
HIGH IMPEDANCE
SPI Port Timing (Readback Mode)
SPI Port Timing (Write Mode)
tDH
tDO
tSCK
tH
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
21454312 TD04
CS
SCK
SDI
R/W
SDO
HIGH IMPEDANCE


Similar Part No. - LTC2185

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2185 LINER-LTC2185 Datasheet
805Kb / 36P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
logo
Analog Devices
LTC2185 AD-LTC2185 Datasheet
2Mb / 26P
   1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
LTC2185 AD-LTC2185 Datasheet
2Mb / 32P
   300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
logo
Linear Technology
LTC2185CUPPBF LINER-LTC2185CUPPBF Datasheet
805Kb / 36P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2185IUPPBF LINER-LTC2185IUPPBF Datasheet
805Kb / 36P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
More results

Similar Description - LTC2185

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2267-12 LINER-LTC2267-12_15 Datasheet
1Mb / 32P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2268-12 LINER-LTC2268-12_15 Datasheet
1Mb / 32P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2268-12 LINER-LTC2268-12 Datasheet
1Mb / 32P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2143-12 LINER-LTC2143-12_15 Datasheet
1Mb / 38P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2144-12 LINER-LTC2144-12_15 Datasheet
1Mb / 38P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2266-12 LINER-LTC2266-12_15 Datasheet
1Mb / 32P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2145-12 LINER-LTC2145-12_15 Datasheet
1Mb / 38P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2173-12 LINER-LTC2173-12_15 Datasheet
1Mb / 34P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
LTC2175-12 LINER-LTC2175-12_15 Datasheet
1Mb / 34P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
LTC2174-12 LINER-LTC2174-12_15 Datasheet
1Mb / 34P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com