Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2268-14 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2268-14
Description  12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2268-14 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2268-14 Datasheet HTML 7Page - Linear Technology LTC2268-14 Datasheet HTML 8Page - Linear Technology LTC2268-14 Datasheet HTML 9Page - Linear Technology LTC2268-14 Datasheet HTML 10Page - Linear Technology LTC2268-14 Datasheet HTML 11Page - Linear Technology LTC2268-14 Datasheet HTML 12Page - Linear Technology LTC2268-14 Datasheet HTML 13Page - Linear Technology LTC2268-14 Datasheet HTML 14Page - Linear Technology LTC2268-14 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
21454312p
LTC2145-12/
LTC2144-12/LTC2143-12
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2145-12: Integral
Non-Linearity (INL)
LTC2145-12: Differential
Non-Linearity (DNL)
LTC2145-12: 64k Point FFT, fIN =
5MHz, –1dBFS, 125Msps
OUTPUT CODE
0
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
1.0
0.6
0.8
0.4
1024
2048
3072
4096
21454312 G01
OUTPUT CODE
–1.0
–0.4
–0.2
–0.6
–0.8
0
0.4
0.2
0.6
0.8
1.0
21454312 G02
0
1024
2048
3072
4096
FREQUENCY (MHz)
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
21454312 G03
0
10
20
30
40
50
60
LTC2145-12: 64k Point FFT,
fIN = 30MHz, –1dBFS, 125Msps
LTC2145-12: 64k Point FFT,
fIN = 70MHz, –1dBFS, 125Msps
LTC2145-12: 64k Point FFT,
fIN = 140MHz, –1dBFS, 125Msps
LTC2145-12: 64k Point 2-Tone
FFT, fIN = 69MHz, 70MHz,
–7dBFS, 125Msps
LTC2145-12: Shorted Input
Histogram
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
21454312 G04
10
20
30
40
50
60
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
60
21454312 G05
FREQUENCY (MHz)
0
10
20
30
40
50
60
21454312 G05
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
60
21454312 G06
FREQUENCY (MHz)
0
10
20
30
40
50
60
21454312 G06
OUTPUT CODE
2043
2044
2000
0
6000
4000
8000
10000
18000
16000
14000
12000
2045
2046
2047
21454312 G08
INPUT FREQUENCY (MHz)
0
69
68
72
71
70
50
100
150
200
250
300
21454312 G09
SINGLE-ENDED
ENCODE
DIFFERENTIAL
ENCODE
LTC2145-12: SNR vs Input Frequency,
–1dBFS, 125Msps, 2V Range
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
60
21454312 G07
FREQUENCY (MHz)
0
10
20
30
40
50
60
21454312 G07


Similar Part No. - LTC2268-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2268-14 LINER-LTC2268-14 Datasheet
446Kb / 32P
   14-Bit, 125Msps/105Msps/80Msps Low Power Dual ADCs
LTC2268-14 LINER-LTC2268-14 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2268-14 LINER-LTC2268-14 Datasheet
1Mb / 36P
   12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2268-14 LINER-LTC2268-14 Datasheet
899Kb / 28P
   16-Bit, 125/105/80Msps Low Power Dual ADCs Serial SPI Port for Configuration
LTC2268-14 LINER-LTC2268-14 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
More results

Similar Description - LTC2268-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2267-12 LINER-LTC2267-12_15 Datasheet
1Mb / 32P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2268-12 LINER-LTC2268-12_15 Datasheet
1Mb / 32P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2268-12 LINER-LTC2268-12 Datasheet
1Mb / 32P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2143-12 LINER-LTC2143-12_15 Datasheet
1Mb / 38P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2144-12 LINER-LTC2144-12_15 Datasheet
1Mb / 38P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2266-12 LINER-LTC2266-12_15 Datasheet
1Mb / 32P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2145-12 LINER-LTC2145-12_15 Datasheet
1Mb / 38P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2173-12 LINER-LTC2173-12_15 Datasheet
1Mb / 34P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
LTC2175-12 LINER-LTC2175-12_15 Datasheet
1Mb / 34P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
LTC2174-12 LINER-LTC2174-12_15 Datasheet
1Mb / 34P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com