Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTF50060-1TEA Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTF50060-1TEA
Description  Smart High-Side Power Switch, One Channel High PWM Frequencies
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTF50060-1TEA Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTF50060-1TEA Datasheet HTML 6Page - Infineon Technologies AG BTF50060-1TEA Datasheet HTML 7Page - Infineon Technologies AG BTF50060-1TEA Datasheet HTML 8Page - Infineon Technologies AG BTF50060-1TEA Datasheet HTML 9Page - Infineon Technologies AG BTF50060-1TEA Datasheet HTML 10Page - Infineon Technologies AG BTF50060-1TEA Datasheet HTML 11Page - Infineon Technologies AG BTF50060-1TEA Datasheet HTML 12Page - Infineon Technologies AG BTF50060-1TEA Datasheet HTML 13Page - Infineon Technologies AG BTF50060-1TEA Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Datasheet
10
Rev. 1.0, 2010-06-24
BTF50060-1TEA
General Product Characteristics
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Figure 6 and Figure 7 are showing the typical thermal impedance of BTF50060-1TEA mounted according to
Jedec JESD51-2,-5,-7 at natural convection on FR4 1s and 2s2p board. The product (chip + package) was
simulated on a 76,4 x 114,3 x 1,5 mm board with 2 inner copper layers (2x 70µm Cu, 2 x 35µm Cu). Where
applicable, a thermal via array under the exposed pad contacted the first inner copper layer. The PCB layer
structure is shown in Figure 8. The PCB layout is shown in Figure 9.
Table 4
Thermal Resistance
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Thermal Resistance -
Junction to Case
R
thJC
1)
1) Not subject to production test, specified by design.
1
1.1
K/W
P_4.27
Thermal Resistance -
Junction to Ambient - 2s2p
R
thJA_2s2p
1)
–22
K/W
2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2
× 114.3 × 1.5 mm board with 2 inner copper layers (2 × 70 mm Cu, 2 × 35 mm
Cu). Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
P_4.29
Figure 6
Typical Transient Thermal Impedance
Zth(JA) =f(tP) for different cooling areas
Figure 7
Typical Transient Thermal Impedance
Zth(JA) =f(tP) for PWM operation with
duty cycles D = t / tperiod on a 2s2p PCB




 





W
3 >VHF@
VPLQIRRWSULQW
VPPð
VPPð
VS




 



 
W
3 >VHF@
'






VS


Similar Part No. - BTF50060-1TEA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTF50060-1TEA INFINEON-BTF50060-1TEA_11 Datasheet
1Mb / 38P
   Smart High-Side Power Switch, One Channel
Rev. 1.2, 2011-09-01
More results

Similar Description - BTF50060-1TEA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTF50060-1TEA INFINEON-BTF50060-1TEA_11 Datasheet
1Mb / 38P
   Smart High-Side Power Switch, One Channel
Rev. 1.2, 2011-09-01
BTS50090-1TMA INFINEON-BTS50090-1TMA Datasheet
532Kb / 27P
   Smart High-Side Power Switch PROFET짰 One Channel
Rev. 1.0, Feb. 2008
BTS50090-1TMB INFINEON-BTS50090-1TMB Datasheet
528Kb / 27P
   Smart High-Side Power Switch PROFET One Channel
Rev. 1.0, Feb. 2008
BTS50080-1TEB INFINEON-BTS50080-1TEB Datasheet
576Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS5016SDA INFINEON-BTS5016SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS5012SDA INFINEON-BTS5012SDA Datasheet
566Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50080-1TEA INFINEON-BTS50080-1TEA Datasheet
567Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS50070-1TMB INFINEON-BTS50070-1TMB Datasheet
559Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
BTS5014SDA INFINEON-BTS5014SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50070-1TMA INFINEON-BTS50070-1TMA Datasheet
562Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com