Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS428L2 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTS428L2
Description  Smart High-Side Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS428L2 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS428L2 Datasheet HTML 3Page - Infineon Technologies AG BTS428L2 Datasheet HTML 4Page - Infineon Technologies AG BTS428L2 Datasheet HTML 5Page - Infineon Technologies AG BTS428L2 Datasheet HTML 6Page - Infineon Technologies AG BTS428L2 Datasheet HTML 7Page - Infineon Technologies AG BTS428L2 Datasheet HTML 8Page - Infineon Technologies AG BTS428L2 Datasheet HTML 9Page - Infineon Technologies AG BTS428L2 Datasheet HTML 10Page - Infineon Technologies AG BTS428L2 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet
7
V1.1, 2007-05-29
Smart High-Side Power Switch
BTS428L2
7UXWK 7DEOH
,QSXW
2XWSXW
6WDWXV
OHYHO
OHYHO
%76/
1RUPDO
RSHUDWLRQ
/
+
/
+
+
+
2SHQORDG
/
+
=
+
+
/
2YHUWHP
SHUDWXUH
/
+
/
/
+
/
/
/RZ /HYHO
; GRQWFDUH
= KLJKLPSHGDQFHSRWHQWLDOGHSHQGV RQH[WHUQDOFLUFXLW
+
+LJK/HYHO
6WDWXV VLJQDODIWHU WKHWLPHGHOD\ VKRZQLQWKHGLDJUDPV VHHILJSDJH


Similar Part No. - BTS428L2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS428L2 INFINEON-BTS428L2 Datasheet
240Kb / 13P
   Smart High-Side Power Switch One Channel: 60m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS428L2 SIEMENS-BTS428L2 Datasheet
88Kb / 12P
   Smart High-Side Power Switch One Channel:60m-ohm Status Feedback
More results

Similar Description - BTS428L2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com