Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J204_TO-92 Datasheet(PDF) 1 Page - Micross Components

Part # J204_TO-92
Description  a high gain N-Channel JFET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

J204_TO-92 Datasheet(HTML) 1 Page - Micross Components

  J204_TO-92 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web:
www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX J204 
LOW CUT OFF VOLTAGE 
VGS(off) ≤ 1.5 
HIGH GAIN 
A= 80 V/V 
ABSOLUTE MAXIMUM RATINGS @ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature ‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
350mW 
MAXIMUM CURRENT
Forward Gate Current (Note 1) 
50mA 
MAXIMUM VOLTAGES 
Gate to Drain Voltage 
VGDS = ‐40V 
Gate to Source Voltage 
VGSS = ‐40V 
  
 
 
J204 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐25 
‐‐ 
‐‐ 
 
IG = 1µA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage ‐0.3 
‐‐ 
‐2 
VDS = 15V, ID = 10nA 
IDSS 
Drain to Source Saturation Current (Note 2) 
0.2 
‐‐ 
mA 
VDS = 15V,  VGS = 0V 
IGSS 
Gate Reverse Current ‐2 
‐‐ 
‐100  
pA 
VGS = ‐20V,  VDS = 0V 
IG 
Gate Operating Current 
‐‐ 
‐2 
‐‐ 
VDG = 10V,  ID = 0.1mA 
ID(off) 
Drain Cutoff Current 
‐‐ 
 2 
‐‐ 
VDS = 15V, VGS = ‐5V 
gfs 
Forward Transconductance 
0.5 
‐‐ 
‐‐ 
mS 
VDS = 15V,   VGS = 0V , f = 1kHz 
Ciss 
Input Capacitance 
‐‐ 
4.5 
‐‐ 
pF 
VDS = 15V, VGS = 0V, f = 1MHz 
 
Crss 
Reverse Transfer Capacitance 
‐‐ 
1.3 
‐‐ 
en 
Equivalent Noise Voltage 
‐‐ 
‐‐ 
nV/√Hz 
VDS = 10V,  ID = 1mA , f = 1kHz 
Micross Components Europe
Available Packages:
J204 in TO-92
J204 in bare die.
Please contact Micross for full
package and die dimensions
Note 1 ‐ Absolute maximum ratings are limiting values above which J204 serviceability may be impaired.  
Note 2 – Pulse test: PW≤ 300 µs, Duty Cycle ≤ 3% 
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
TO-92 (Bottom View)
J204
N-CHANNEL JFET
Linear Systems replaces discontinued Siliconix J204
The J204 is a high gain N-Channel JFET
This n-channel JFET is optimised for high gain. The
part is particularly suitable for use in low power or high
impedance amplifiers. The TO-92 package is well
suited for cost sensitive applications and mass
production.
(See Packaging Information).
J204 Applications:
Battery powered amplifiers
Audio Pre-Amplifiers
Infra-Red Detector Amplifiers
J204 Benefits:
High Input Impedance
Low Cutoff Voltage
Low Noise


Similar Part No. - J204_TO-92

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
J204077_HA1630S01 HITACHI-J204077_HA1630S01 Datasheet
215Kb / 7P
   J204077_HA1630S01
logo
Pulse A Technitrol Comp...
J2042H3B PULSE-J2042H3B Datasheet
1Mb / 8P
   100 Base-TX (Fast Ethernet) RJ45 2xN Integrated Connector Module (ICM) with or without LEDs
J2042H3NL PULSE-J2042H3NL Datasheet
1Mb / 12P
   RoHS peak wave solder temperature rating 260C
J2045H3NL PULSE-J2045H3NL Datasheet
1Mb / 12P
   RoHS peak wave solder temperature rating 260C
More results

Similar Description - J204_TO-92

ManufacturerPart #DatasheetDescription
logo
Micross Components
SST204_SOT-23 MICROSS-SST204_SOT-23 Datasheet
276Kb / 1P
   a high gain N-Channel JFET
J201_TO-92 MICROSS-J201_TO-92 Datasheet
277Kb / 1P
   a high gain N-Channel JFET
J202_TO-92 MICROSS-J202_TO-92 Datasheet
276Kb / 1P
   a high gain N-Channel JFET
SST202_SOT-23 MICROSS-SST202_SOT-23 Datasheet
276Kb / 1P
   a high gain N-Channel JFET
SST201_SOT-23 MICROSS-SST201_SOT-23 Datasheet
276Kb / 1P
   a high gain N-Channel JFET
logo
Linear Integrated Syste...
J201 LINEAR-J201 Datasheet
203Kb / 2P
   HIGH GAIN N-CHANNEL JFET
J201 LINEAR-J201_14 Datasheet
204Kb / 2P
   HIGH GAIN N-CHANNEL JFET AMPLIFIER
logo
Micross Components
PN4416_TO-92 MICROSS-PN4416_TO-92 Datasheet
301Kb / 1P
   a N-Channel high frequency JFET amplifier
2N4416A_TO-18 MICROSS-2N4416A_TO-18 Datasheet
291Kb / 1P
   a N-Channel high frequency JFET amplifier
2N4416A MICROSS-2N4416A Datasheet
291Kb / 1P
   a N-Channel high frequency JFET amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com