Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS740S2 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTS740S2
Description  Smart High-Side Power Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS740S2 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS740S2 Datasheet HTML 3Page - Infineon Technologies AG BTS740S2 Datasheet HTML 4Page - Infineon Technologies AG BTS740S2 Datasheet HTML 5Page - Infineon Technologies AG BTS740S2 Datasheet HTML 6Page - Infineon Technologies AG BTS740S2 Datasheet HTML 7Page - Infineon Technologies AG BTS740S2 Datasheet HTML 8Page - Infineon Technologies AG BTS740S2 Datasheet HTML 9Page - Infineon Technologies AG BTS740S2 Datasheet HTML 10Page - Infineon Technologies AG BTS740S2 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
7
V1.0, 2007-05-13
Smart High-Side Power Switch
BTS740S2
Parameter and Conditions, each of the two channels
Symbol
Values
Unit
at Tj = -40...+150°C,
Vbb = 12 V unless otherwise specified
min
typ
max
Input and Status Feedback20)
Input resistance
(see circuit page 9)
RI
3.0
4.5
7.0
k
Input turn-on threshold voltage
VIN(T+)
--
--
3.5
V
Input turn-off threshold voltage
VIN(T-)
1.5
--
--
V
Input threshold hysteresis
VIN(T)
--
0.5
--
V
Off state input current
VIN = 0.4 V: IIN(off)
1
--
50
µA
On state input current
VIN = 5 V: IIN(on)
20
50
90
µA
Delay time for status with open load
after Input neg. slope (see diagram page 13)
td(ST OL3)
--
400
--
µs
Status delay after positive input slope
(not subject to production test, specified by design)
tdon(ST)
--
13
--
µs
Status delay after negative input slope
(not subject to production test, specified by design)
tdoff(ST)
--
1
--
µs
Status output (open drain)
Zener limit voltage
Tj =-40...+150°C, IST = +1.6 mA:
ST low voltage
Tj =-40...+25°C, IST = +1.6 mA:
Tj = +150°C, IST = +1.6 mA:
VST(high)
VST(low)
5.4
--
--
6.1
--
--
6.9
0.4
0.7
V
Status leakage current, VST = 5 V,
Tj=25 ... +150°C:
IST(high)
--
--
2
µA
20) If ground resistors R
GND are used, add the voltage drop across these resistors.


Similar Part No. - BTS740S2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS740S2 INFINEON-BTS740S2 Datasheet
482Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
More results

Similar Description - BTS740S2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com