Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS949 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BTS949
Description  Smart Lowside Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS949 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BTS949 Datasheet HTML 3Page - Infineon Technologies AG BTS949 Datasheet HTML 4Page - Infineon Technologies AG BTS949 Datasheet HTML 5Page - Infineon Technologies AG BTS949 Datasheet HTML 6Page - Infineon Technologies AG BTS949 Datasheet HTML 7Page - Infineon Technologies AG BTS949 Datasheet HTML 8Page - Infineon Technologies AG BTS949 Datasheet HTML 9Page - Infineon Technologies AG BTS949 Datasheet HTML 10Page - Infineon Technologies AG BTS949 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
07.06.2000
Page 8
BTS 949
Typ. current limit versus RCC
ID(lim) = f(RCC); Tj=25°C
Parameter: VIN
10
-2
10
-1
10
0
10
1
10
2
10
4
RCC
0
25
50
75
100
125
150
175
200
A
250
10V
5V
Typ. current sense characteristics
VCC = f(ID); VIN=10V
Parameter: RCC, Tj
0
10
20
30
40
50
A
65
ID
0
50
100
150
200
250
300
350
400
450
500
mV
600
125°C
no Rcc
25°C
82 Ohm
47 Ohm
22 Ohm
Transient thermal impedance
ZthJC = f (tp)
parameter : D = tp/T
10
-7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0
10
2
s
tP
-4
10
-3
10
-2
10
-1
10
0
10
K/W
0
0.005
0.01
0.02
0.05
0.1
0.2
D=0.5


Similar Part No. - BTS949

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS949 INFINEON-BTS949 Datasheet
181Kb / 11P
   Smart Lowside Power Switch
02.12.1998
More results

Similar Description - BTS949

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
logo
Siemens Semiconductor G...
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS149 INFINEON-BTS149 Datasheet
309Kb / 10P
   Smart Lowside Power Switch
2004-02-02
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
   Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
logo
Siemens Semiconductor G...
OBTS149 SIEMENS-OBTS149 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
OBTS917 SIEMENS-OBTS917 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS134D INFINEON-BTS134D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com