Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS3408G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BTS3408G
Description  Smart Low Side Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3408G Datasheet(HTML) 4 Page - Infineon Technologies AG

  BTS3408G Datasheet HTML 1Page - Infineon Technologies AG BTS3408G Datasheet HTML 2Page - Infineon Technologies AG BTS3408G Datasheet HTML 3Page - Infineon Technologies AG BTS3408G Datasheet HTML 4Page - Infineon Technologies AG BTS3408G Datasheet HTML 5Page - Infineon Technologies AG BTS3408G Datasheet HTML 6Page - Infineon Technologies AG BTS3408G Datasheet HTML 7Page - Infineon Technologies AG BTS3408G Datasheet HTML 8Page - Infineon Technologies AG BTS3408G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HITFETBTS3408G
Datasheet Rev. 1.3
4
2008-01-09
Circuit Description
Logic Supply
The logic is supplied with 4.5 up to 60 Volt by the V
S pin. If VS falls below max. 4.5 Volts
the logic is shut down and the output stages are switched off.
Direct Inputs
ENA
The ENA/FREEZE input can be used to enable and/or to freeze the output control of the
IC or to cut off the complete IC.
By pulling the ENA input to low, i.e. applying a Voltage V
ENAL , the IC is in disable mode.
The power stages are switched off and the current consumption is reduced to I
S(stby).
By applying a Voltage V
ENAFZ , the IC is in FREEZE mode. The output signals will remain
in their former state. All input signals will be ignored.
By pulling the input to high, the IC is in Enable mode. All input signals are output.
The ENA - pin has an internal pull-down.
IN1 / IN2
Each output is independently controlled via the respective input pin. The input pins are
high active. If the common enable pin is high, the individual input signals are output. The
input pins have an internal pull-down.
Table 1
Functional Table
V
ENA
Mode
IN1
IN2
IN1(-1) IN2(-1) OUT1 OUT2 Comment
≤0.8V
Disable X
1)
1)
X = not relevant
X
1)
X
1)
X
1)
L
L
all outputs OFF
1.2 .. 1.7V Freeze
X
1)
X
1)
L
L
L
L
former output state
1.2 .. 1.7V Freeze
X
1)
X
1)
L
H
L
H
former output state
1.2 .. 1.7V Freeze
X
1)
X
1)
H
L
H
L
former output state
1.2 .. 1.7V Freeze
X
1)
X
1)
H
H
H
H
former output state
≥2.0V
Enable
L
L
X
1)
X
1)
L
L
input is output
≥2.0V
Enable
L
H
X
1)
X
1)
L
H
input is output
≥2.0V
Enable
H
L
X
1)
X
1)
H
L
input is output
≥2.0V
Enable
H
H
X
1)
X
1)
H
H
input is output


Similar Part No. - BTS3408G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3408G INFINEON-BTS3408G Datasheet
366Kb / 16P
   Smart Dual Lowside Power Switch
V1.0 2002-11-14
BTS3408G INFINEON-BTS3408G_13 Datasheet
404Kb / 14P
   Smart Low Side Power Switch
Rev. 1.4 2013-02-12
More results

Similar Description - BTS3408G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com