Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS3410G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS3410G
Description  Smart Low Side Power Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3410G Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS3410G_07 Datasheet HTML 1Page - Infineon Technologies AG BTS3410G_07 Datasheet HTML 2Page - Infineon Technologies AG BTS3410G_07 Datasheet HTML 3Page - Infineon Technologies AG BTS3410G_07 Datasheet HTML 4Page - Infineon Technologies AG BTS3410G_07 Datasheet HTML 5Page - Infineon Technologies AG BTS3410G_07 Datasheet HTML 6Page - Infineon Technologies AG BTS3410G_07 Datasheet HTML 7Page - Infineon Technologies AG BTS3410G_07 Datasheet HTML 8Page - Infineon Technologies AG BTS3410G_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Datasheet
3
Rev. 1.3, 2007-11-06
Smart Low Side Power Switch
HITFET BTS 3410G
Maximum Ratings at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Drain source voltage
VDS
42
V
Drain source voltage for short circuit protection1)
Tj = -40...150 °C
VDS(SC)
18
Continuous input current1)
-0.2V
£ VIN £ 10V
VIN < -0.2V or VIN > 10V
IIN
no limit
|
IIN | £ 2
mA
Operating temperature
Tj
-40 ...+150
°C
Storage temperature
Tstg
-55 ... +150
Power dissipation2)5)
TA = 85 °C
Ptot
0.8
W
Unclamped single pulse inductive energy1)
each channel
EAS
150
mJ
Load dump protection
VLoadDump1)3) = VA + VS
VIN = 0 and 10 V, td = 400 ms, RI = 2 W,
RL = 9 W, VA = 13.5 V
VLD
50
V
Electrostatic discharge voltage1) (Human Body Model)
according to Jedec norm
EIA/JESD22-A114-B, Section 4
VESD
2
kV
Thermal resistance
junction - ambient:
per channel
@ 6 cm2 cooling area2)
one channel on
both channels on
RthJA
100
160
K/W
1not subject to production test, specified by design
2 Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70µm thick) copper area for drain
connection. PCB mounted vertical without blown air.
3VLoaddump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
5 not subject to production test, calculated by RTHJA and Rds(on)


Similar Part No. - BTS3410G_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3410G INFINEON-BTS3410G Datasheet
320Kb / 11P
   Smart Dual Lowside Power Switch
2004-03-05
More results

Similar Description - BTS3410G_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com