Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2913 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2913
Description  UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology LTC2913 Datasheet HTML 10Page - Linear Technology LTC2913 Datasheet HTML 11Page - Linear Technology LTC2913 Datasheet HTML 12Page - Linear Technology LTC2913 Datasheet HTML 13Page - Linear Technology LTC2913 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC4365
10
4365f
Figure 4 shows the timing associated with the UV pin.
Once a UV fault propagates through the UV comparator
(tFAULT), the FAULT output is asserted low and a 50mA
current sink discharges the GATE pin. As VOUT falls, the
GATE pin tracks VOUT.
APPLICATIONS INFORMATION
Figure 5 shows the timing associated with the OV pin.
Once an OV fault propagates through the OV comparator
(tFAULT), the FAULT output is asserted low and a 50mA
current sink discharges the GATE pin. As VOUT falls, the
GATE pin tracks VOUT.
Procedure for Selecting UV/OV External Resistor Values
The following 3-step procedure helps select the resistor
values for the resistive divider of Figure 3. This procedure
minimizes UV and OV offset errors caused by leakage
currents at the respective pins.
1. Choose maximum tolerable offset at the UV pin,
VOS(UV). Divide by the worst case leakage current at
the UV pin, IUV (10nA). Set the sum of R1 + R2 equal
to VOS(UV) divided by 10nA. Note that due to the
presence of R3, the actual offset at UV will be slightly
lower:
R1
+R2=
V
OS(UV)
I
UV
2. Select the desired VIN UV trip threshold, UVTH. Find
the value of R3:
R3 = 2•
V
OS(UV)
I
UV
•UV
TH – 0.5V
()
3. Select the desired VIN OV trip threshold, OVTH. Find
the values of R1 and R2:
R1=
VOS(UV)
IUV
+R3
2• OVTH
R2
=
V
OS(UV)
I
UV
–R1
The example of Figure 3 uses standard 1% resistor values.
The following parameters were selected:
VOS(UV) = 3mV
IUV = 10nA
UVTH = 3.5V
OVTH = 18V
4365 F04
FAULT
GATE
tFAULT
tGATE(FAST)
VUV
VUV + VUVHYST
tFAULT
tRECOVERY
EXTERNAL N-CHANNEL MOSFET
TURNS OFF
UV
4365 F05
FAULT
GATE
tFAULT
tGATE(FAST)
VOV
VOV – VOVHYST
tFAULT
tRECOVERY
EXTERNAL N-CHANNEL MOSFET
TURNS OFF
OV
Figure 4. UV Timing (OV < (VOV – VOVHYST), SHDN > 1.2V)
Figure 5. OV Timing (UV > (VUV + VUVHYST), SHDN > 1.2V)
When both the UV and OV faults are removed, the external
MOSFET is not immediately turned on. The input supply
must remain within the user selected power good window
for at least 36ms (tRECOVERY) before the load is again
connected to the supply. This recovery timeout period
filters noise (including line noise) at the input supply and
prevents chattering of power at the load.


Similar Part No. - LTC2913

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2913 LINER-LTC2913 Datasheet
291Kb / 24P
   High Voltage Surge
LTC2913 LINER-LTC2913 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
More results

Similar Description - LTC2913

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4368 AD-LTC4368 Datasheet
1Mb / 22P
   100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
logo
Linear Technology
LTC4368 LINER-LTC4368 Datasheet
283Kb / 6P
   100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
logo
Maxim Integrated Produc...
MAX17612A MAXIM-MAX17612A Datasheet
585Kb / 21P
   4.5V to 60V, 250mA Current-Limiter with OV, UV, and Reverse Protection
19-100363; Rev 0; 6/18
MAX17613A MAXIM-MAX17613A Datasheet
827Kb / 28P
   4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 2/19
MAX17608 MAXIM-MAX17608 Datasheet
619Kb / 21P
   4.5V to 60V, 1A Current Limiter with OV, UV, and Reverse Protection
Rev 1; 6/18
MAX17612AEVKIT MAXIM-MAX17612AEVKIT Datasheet
785Kb / 9P
   MAX17612A 4.5V to 60V, 250mA, Current-Limiter with OV, UV, and Reverse Protection
Rev 1; 8/18
MAX17613AEVKIT MAXIM-MAX17613AEVKIT Datasheet
699Kb / 12P
   MAX17613A - 4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 4/19
MAX17526A MAXIM-MAX17526A Datasheet
772Kb / 27P
   5.5V to 60V, 6A Current-Limiter with OV, UV, Reverse Protection, and Power Limit
Rev 1; 11/18
MAX17526A MAXIM-MAX17526A_V01 Datasheet
994Kb / 27P
   5.5V to 60V, 6A Current-Limiter with OV, UV, Reverse Protection, and Power Limit
2021
MAX17526AEVKIT MAXIM-MAX17526AEVKIT Datasheet
960Kb / 12P
   MAX17526A ??5.5V to 60V, 6A Current Limiter with OV, UV, Reverse Protection, and Power Limit
Rev 0; 6/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com