Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS5576G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS5576G
Description  SPI Power Controller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5576G Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS5576G Datasheet HTML 1Page - Infineon Technologies AG BTS5576G Datasheet HTML 2Page - Infineon Technologies AG BTS5576G Datasheet HTML 3Page - Infineon Technologies AG BTS5576G Datasheet HTML 4Page - Infineon Technologies AG BTS5576G Datasheet HTML 5Page - Infineon Technologies AG BTS5576G Datasheet HTML 6Page - Infineon Technologies AG BTS5576G Datasheet HTML 7Page - Infineon Technologies AG BTS5576G Datasheet HTML 8Page - Infineon Technologies AG BTS5576G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
PG-DSO-36-34
Type
Package
Marking
SPOC - BTS5576G
PG-DSO-36-34
BTS5576G
Data Sheet
3
Rev. 1.3, 2007-10-30
SPI Power Controller
for Advanced Light Control
with Integrated LED Mode
SPOC - BTS5576G
1Overview
The SPOC - BTS5576G is a five channel high-side smart power switch in
PG-DSO-36-34 package providing embedded protective functions. It is
especially designed to control standard exterior lighting in automotive
applications. In order to use the same hardware with bulbs and LEDs, the
device can be configured to bulb or LED mode. As a result, both load
types are handeled optimized in switching and diagnosis accuracy.
It is designed to drive lamps up to 3*27W + 2*10W.
Configuration and status diagnosis is done via SPI. Additionally, there is
a current sense signal available for each channel that is routed via a
multiplexer to a single diagnosis pin.
The SPOC - BTS5576G provides a fail-safe function via limp home input
pin.
Product Summary
Operating Voltage Power Switch
V
BB
4.5 … 28 V
Logic Supply Voltage
V
DD
3.8 … 5.5 V
Over Voltage Protection
V
BB(AZ,min)
40 V
Maximum Stand-By Current at 25
°C
I
BB(OFF)
3
µA
On-State Resistance at
T
j = 150 °
channel 0, 1
channel 2
channel 3,4
R
DS(ON) max
49 m
64 m
180 m
SPI Access Frequency
fSCLK(max)
2MHz


Similar Part No. - BTS5576G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5572E INFINEON-BTS5572E Datasheet
915Kb / 46P
   SPI Power Controller
Rev. 1.0, May 2008
More results

Similar Description - BTS5576G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5590G INFINEON-BTS5590G Datasheet
1Mb / 46P
   SPI Power Controller
Rev. 1.3, October 2007
BTS6480SF INFINEON-BTS6480SF Datasheet
2Mb / 73P
   SPI Power Controller
Rev. 1.0, 2010-04-12
BTS5682E INFINEON-BTS5682E Datasheet
939Kb / 46P
   SPI Power Controller
Rev. 1.0, Jan. 2008
BTS54220-LBF INFINEON-BTS54220-LBF_15 Datasheet
2Mb / 70P
   SPI Power Controller
Rev. 2.1, 2014-12-05
BTS54040-LBF INFINEON-BTS54040-LBF_15 Datasheet
2Mb / 67P
   SPI Power Controller
Rev. 2.1, 2014-12-05
BTS56033-LBB INFINEON-BTS56033-LBB_15 Datasheet
2Mb / 69P
   SPI Power Controller
Rev. 2.1, 2014-12-05
BTS5566G INFINEON-BTS5566G Datasheet
881Kb / 42P
   SPI Power Controller
Rev. 1.3, October 2007
BTS5672E INFINEON-BTS5672E Datasheet
930Kb / 46P
   SPI Power Controller
Rev. 1.0, Jan. 2008
BTS6460SF INFINEON-BTS6460SF Datasheet
2Mb / 72P
   SPI Power Controller
Rev. 1.0, 2010-04-12
BTS5460SF INFINEON-BTS5460SF Datasheet
1Mb / 58P
   SPI Power Controller
Rev. 1.0, 2010-04-12
BTS5662E INFINEON-BTS5662E Datasheet
911Kb / 45P
   SPI Power Controller
Rev. 1.0, Jan. 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com