Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK740-420 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # STK740-420
Description  5V/5A Single Output Separate Excitation Chopper Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK740-420 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  STK740-420 Datasheet HTML 1Page - Sanyo Semicon Device STK740-420 Datasheet HTML 2Page - Sanyo Semicon Device STK740-420 Datasheet HTML 3Page - Sanyo Semicon Device STK740-420 Datasheet HTML 4Page - Sanyo Semicon Device STK740-420 Datasheet HTML 5Page - Sanyo Semicon Device STK740-420 Datasheet HTML 6Page - Sanyo Semicon Device STK740-420 Datasheet HTML 7Page - Sanyo Semicon Device STK740-420 Datasheet HTML 8Page - Sanyo Semicon Device STK740-420 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STK740-470
No.6107–3/10
Block Diagram
Snubber circuit
Drive circuit
Oscillator
Reference voltage
Error amplifier
On/off circuit
Soft start circuit
Short protection circuit
PWM
Phase
compensation
12
11
6
Low-voltage
malfunction
prevention circuit
SUB
TR1
D1
10
9
8
7
2
3
4
1
5
VIN
VCC
GND
OUT
A
VS
VADJ
FB
ON/OFF
Pin Descriptions
Number
Pin name
Description
1
ON/OFF
Remote on/off switching
2
VS
Output voltage sensing
3
VADJ
Output voltage fine adjustment
4
FB
Feedback (error amplifier output), phase compensation
5
GND
Ground
6
VCC
Power supply for control block
7, 8
A
Flywheel diode anode
9, 10
OUT
Output
11, 12
VIN
Input supply voltage


Similar Part No. - STK740-420

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK740-420 SANYO-STK740-420 Datasheet
132Kb / 10P
   3.3V/5A Single Output Separate Excitation Chopper Regulator
More results

Similar Description - STK740-420

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK740-441 SANYO-STK740-441 Datasheet
132Kb / 10P
   3.3V/5A Single Output Separate Excitation Chopper Regulator
logo
Sanken electric
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
62Kb / 2P
   2-Output Separate Excitation Step-down Switching Mode
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
   Separate Excitation Switching Type
STA820M SANKEN-STA820M Datasheet
436Kb / 2P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
STA810M SANKEN-STA810M Datasheet
445Kb / 3P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8010Y SANKEN-SI-8010Y Datasheet
69Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator
logo
Sanyo Semicon Device
STK731B SANYO-STK731B Datasheet
160Kb / 6P
   12V Single Output MOS Chopper Regulator?
logo
Sanken electric
SI-8000TFE SANKEN-SI-8000TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com