Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS6143D Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BTS6143D
Description  Smart Highside Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6143D Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS6143D_07 Datasheet HTML 1Page - Infineon Technologies AG BTS6143D_07 Datasheet HTML 2Page - Infineon Technologies AG BTS6143D_07 Datasheet HTML 3Page - Infineon Technologies AG BTS6143D_07 Datasheet HTML 4Page - Infineon Technologies AG BTS6143D_07 Datasheet HTML 5Page - Infineon Technologies AG BTS6143D_07 Datasheet HTML 6Page - Infineon Technologies AG BTS6143D_07 Datasheet HTML 7Page - Infineon Technologies AG BTS6143D_07 Datasheet HTML 8Page - Infineon Technologies AG BTS6143D_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PROFET® BTS 6143 D
Data Sheet
2 of 18
Rev. 1.0, 2007-02
Pin
Symbol
Function
1
OUT
O
Output; output to the load; pin 1 and 5 must be externally shorted* .
2
IN
I
Input; activates the power switch if shorted to ground.
Tab/(3)
Vbb
+
Supply Voltage; positive power supply voltage; tab and pin3 are internally
shorted.
4
IS
S
Sense Output; Diagnostic feedback; provides at normal operation a sense
current proportional to the load current; in case of overload,
overtemperature and/or short circuit a defined current is provided (see
Truth Table on page 8)
5
OUT
O
Output; output to the load; pin 1 and 5 must be externally shorted* .
*) Not shorting all outputs will considerably increase the on-state resistance, reduce the peak current capability
and decrease the current sense accuracy
Maximum Ratings at Tj = 25 °C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 4)
Vbb
38
V
Supply voltage for full short circuit protection 1)
Vbb
30
V
Load dump protection VLoadDump = UA + Vs, UA = 13.5 V
RI= 2
Ω, RL= 1.5 Ω, td= 400 ms, IN= low or high
VLoad dump2)
45
V
Load current (Short-circuit current, see page 5)
IL
self-limited
A
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Power dissipation (DC)
Ptot
59
W
Inductive load switch-off energy dissipation 3)
single pulse IL = 20 A, Vbb= 12V
Tj=150 °C:
EAS
0.3
J
Electrostatic discharge capability (ESD)
(Human Body Model)
acc. ESD assn. std. S5.1-1993; R=1.5k
Ω; C=100pF
VESD
3.0
kV
Current through input pin (DC)
Current through current sense pin (DC)
see internal circuit diagrams page 9
IIN
IIS
+15, -120
+15, -120
mA
Input voltage slew rate
Vbb
≤ 16V :
Vbb > 16V 4):
dVbIN / dt
self-limited
20
V/
µs
1)
Short circuit is defined as a combination of remaining resistances and inductances. See schematic on
page11.
2)
VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839.
3)
See also diagram on page 11.
4)
See also on page 8. Slew rate limitation can be achieved by means of using a series resistor R
IN in the input
path. This resistor is also required for reverse operation. See also page 10.


Similar Part No. - BTS6143D_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS6143DAUMA1 INFINEON-BTS6143DAUMA1 Datasheet
680Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results

Similar Description - BTS6143D_07

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS6163D INFINEON-BTS6163D_07 Datasheet
280Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-07-23
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com