Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS6163D Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BTS6163D
Description  Smart Highside Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6163D Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BTS6163D Datasheet HTML 7Page - Infineon Technologies AG BTS6163D Datasheet HTML 8Page - Infineon Technologies AG BTS6163D Datasheet HTML 9Page - Infineon Technologies AG BTS6163D Datasheet HTML 10Page - Infineon Technologies AG BTS6163D Datasheet HTML 11Page - Infineon Technologies AG BTS6163D Datasheet HTML 12Page - Infineon Technologies AG BTS6163D Datasheet HTML 13Page - Infineon Technologies AG BTS6163D Datasheet HTML 14Page - Infineon Technologies AG BTS6163D Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PROFET® BTS 6163 D
Data Sheet
11 of 18
Rev. 1.0, 2007-07-23
Short circuit detection
Fault Condition: VON > VON(SC) (3.5 V typ.) and t> td(SC)
(typ.650 µs).
Overload detection
Fault Condition: VON > 1 V typ.
detection
circuit
Logic
unit
+ Vbb
OUT
V
ON
Short circuit
Short circuit is a combination of primary and
secondary impedance’s and a resistance’s.
PROFET
V
IN
OUT
IS
bb
RSC
I
IN
V bb
Z
L
SC
L SC
10mOhm
5uH
Allowable combinations of minimum, secondary
resistance for full protection at given secondary
inductance and supply voltage for single short circuit
event:
0
5
32V
10
0
100
200
RSC
[mOhm]
15
L SC
300
[uH]
V
:
bb
36V
40V
48V
Inductive load switch-off energy
dissipation
PROFET
V
IN
OUT
IS
bb
E
E
E
EAS
bb
L
R
ELoad
L
RL
{
Z L
RIS
I
IN
Vbb
i (t)
L
Energy stored in load inductance:
EL = 1/2·L·I
2
L
While demagnetizing load inductance, the energy
dissipated in PROFET is
EAS= Ebb + EL - ER=
VON(CL)·iL(t) dt,
with an approximate solution for RL > 0 Ω:
EAS=
IL· L
2·RL
(Vbb + |VOUT(CL)|) ln (1+
IL·RL
|VOUT(CL)|
)
Maximum allowable load inductance for
a single switch off
L = f (IL ); Tj,start = 150°C, Vbb = 24 V, RL = 0 Ω
0,01
0,1
1
10
100
1000
1
1 0
100
I_L [A ]
L [m H ]


Similar Part No. - BTS6163D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS6163D INFINEON-BTS6163D Datasheet
259Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
More results

Similar Description - BTS6163D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com