Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS6480SF Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 6Page - Infineon Technologies AG BTS6480SF Datasheet HTML 7Page - Infineon Technologies AG BTS6480SF Datasheet HTML 8Page - Infineon Technologies AG BTS6480SF Datasheet HTML 9Page - Infineon Technologies AG BTS6480SF Datasheet HTML 10Page - Infineon Technologies AG BTS6480SF Datasheet HTML 11Page - Infineon Technologies AG BTS6480SF Datasheet HTML 12Page - Infineon Technologies AG BTS6480SF Datasheet HTML 13Page - Infineon Technologies AG BTS6480SF Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
Data Sheet
10
Rev. 1.0, 2010-04-12
SPOC - BTS6480SF
Electrical Characteristics
4
Electrical Characteristics
4.1
Absolute Maximum Ratings
Absolute Maximum Ratings 1)
T
j = -40 to +150 °C; all voltages with respect to ground
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit Conditions
min.
max.
Supply Voltage
4.1.1
Power supply voltage
V
BB
-0.3
28
V
4.1.2
Logic supply voltage
V
DD
-0.3
5.5
V
4.1.3
Reverse polarity voltage according Figure 30
-V
bat(rev)
–16
V
T
jStart = 25 °C
t
≤ 2min. 2)
4.1.4
Supply voltage for short circuit protection (single
pulse)
V
BB(SC)
V
R
ECU = 20 mΩ
l = 0 or 5 m 3)
channel 0, 1
0
24
R
Cable = 6 mΩ/m
L
Cable = 1 µH/m
channel 2, 3
0
24
R
Cable = 16 mΩ/m
L
Cable = 1 µH/m
4.1.5
Supply voltage for load dump protection with
connected loads
V
BB(LD)
–40
V
R
I = 2 Ω
4)
t = 400 ms
4.1.6
Current through ground pin
I
GND
–25
mA
t
≤ 2min.
4.1.7
Current through VDD pin
I
DD
-25
12
mA
t
≤ 2min.
Power Stages
4.1.8
Load current
I
L
-IL(LIM)
IL(LIM)
A
5)
4.1.9
Maximum energy dissipation
single pulse
E
AS
mJ
6)
T
j(0) = 150 °C
channel 0, 1
180
I
L(0) = 5 A
channel 2, 3
45
I
L(0) = 2 A
Diagnosis Pin
4.1.10 Current through sense pin IS
I
IS
-8
8
mA
t
≤ 2min.
Input Pins
4.1.11 Voltage at input pins
V
IN
-0.3
5.5
V
4.1.12 Current through input pins
I
IN
-0.75
-2.0
0.75
2.0
mA –
t
≤ 2min.
SPI Pins
4.1.13 Voltage at chip select pin
V
CS
-0.3
V
DD + 0.3 V
4.1.14 Current through chip select pin
I
CS
-2.0
2.0
mA
t
≤ 2min.
4.1.15 Voltage at serial input pin
V
SI
-0.3
V
DD + 0.3 V
4.1.16 Current through serial input pin
I
SI
-2.0
2.0
mA
t
≤ 2min.
4.1.17 Voltage at serial clock pin
V
SCLK
-0.3
V
DD + 0.3 V
4.1.18 Current through serial clock pin
I
SCLK
-2.0
2.0
mA
t
≤ 2min.
4.1.19 Voltage at serial out pin
V
SO
-0.3
V
DD + 0.3 V


Similar Part No. - BTS6480SF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTS6403U NXP-BTS6403U Datasheet
943Kb / 15P
   Wideband high gain high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 1-30 March 2023
BTS6403UJ NXP-BTS6403UJ Datasheet
943Kb / 15P
   Wideband high gain high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 1-30 March 2023
logo
Infineon Technologies A...
BTS640S2 INFINEON-BTS640S2 Datasheet
240Kb / 15P
   Smart Sense High-Side Power Switch
2003-Oct-01
BTS640S2G INFINEON-BTS640S2G Datasheet
240Kb / 15P
   Smart Sense High-Side Power Switch
2003-Oct-01
BTS640S2G INFINEON-BTS640S2G Datasheet
307Kb / 17P
   Smart Sense High-Side Power Switch
V1.1, 2008-19-08
More results

Similar Description - BTS6480SF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5590G INFINEON-BTS5590G Datasheet
1Mb / 46P
   SPI Power Controller
Rev. 1.3, October 2007
BTS5682E INFINEON-BTS5682E Datasheet
939Kb / 46P
   SPI Power Controller
Rev. 1.0, Jan. 2008
BTS54220-LBF INFINEON-BTS54220-LBF_15 Datasheet
2Mb / 70P
   SPI Power Controller
Rev. 2.1, 2014-12-05
BTS54040-LBF INFINEON-BTS54040-LBF_15 Datasheet
2Mb / 67P
   SPI Power Controller
Rev. 2.1, 2014-12-05
BTS56033-LBB INFINEON-BTS56033-LBB_15 Datasheet
2Mb / 69P
   SPI Power Controller
Rev. 2.1, 2014-12-05
BTS5566G INFINEON-BTS5566G Datasheet
881Kb / 42P
   SPI Power Controller
Rev. 1.3, October 2007
BTS5672E INFINEON-BTS5672E Datasheet
930Kb / 46P
   SPI Power Controller
Rev. 1.0, Jan. 2008
BTS6460SF INFINEON-BTS6460SF Datasheet
2Mb / 72P
   SPI Power Controller
Rev. 1.0, 2010-04-12
BTS5460SF INFINEON-BTS5460SF Datasheet
1Mb / 58P
   SPI Power Controller
Rev. 1.0, 2010-04-12
BTS5662E INFINEON-BTS5662E Datasheet
911Kb / 45P
   SPI Power Controller
Rev. 1.0, Jan. 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com