Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS50055-1TMC Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTS50055-1TMC
Description  Smart Highside High Current Power Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50055-1TMC Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS50055-1TMC Datasheet HTML 3Page - Infineon Technologies AG BTS50055-1TMC Datasheet HTML 4Page - Infineon Technologies AG BTS50055-1TMC Datasheet HTML 5Page - Infineon Technologies AG BTS50055-1TMC Datasheet HTML 6Page - Infineon Technologies AG BTS50055-1TMC Datasheet HTML 7Page - Infineon Technologies AG BTS50055-1TMC Datasheet HTML 8Page - Infineon Technologies AG BTS50055-1TMC Datasheet HTML 9Page - Infineon Technologies AG BTS50055-1TMC Datasheet HTML 10Page - Infineon Technologies AG BTS50055-1TMC Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet BTS50055-1TMC
Page 7 of 17
2010-April-27
Terms
PROFET
V
IN
IS
OUT
bb
V
IN
IIS
I
IN
V
bb
Ibb
IL
VOUT
VON
3
5
4
1,2,6,7
RIS
VIS
VbIN
RIN
DS
VbIS
Two or more devices can easily be connected in
parallel to increase load current capability.
Input circuit (ESD protection)
IN
ZD
IN
I
V bb
Rbb
V
Z,IN
V bIN
V IN
When the device is switched off (IIN = 0) the voltage
between IN and GND reaches almost Vbb. Use a
mechanical switch, a bipolar or MOS transistor with
appropriate breakdown voltage as driver.
VZ,IN = 66 V (typ).
Current sense status output
IS
IS
R
IS
I
ZD
IS
V
bb
V
bb
R
Z,IS
V
VZ,IS = 66 V (typ.), RIS = 1 kΩ nominal (or 1 kΩ /n, if n
devices are connected in parallel). IS = IL/kilis can be
driven only by the internal circuit as long as Vout - VIS >
5 V. If you want measure load currents up to IL(M), RIS
should be less than
Vbb - 5 V
IL(M) / Kilis
.
Note: For large values of RIS the voltage VIS can reach
almost Vbb. See also overvoltage protection.
If you don't use the current sense output in your
application, you can leave it open.
Inductive and overvoltage output clamp
+ Vbb
OUT
PROFET
V
Z1
V
ON
D
S
IS
V
OUT
V
ZG
VON is clamped to VON(Cl) = 42 V typ. At inductive load
switch-off without DS, VOUT is clamped to VOUT(CL) =
-19 V typ. via VZG. With DS, VOUT is clamped to Vbb -
VON(CL) via VZ1. Using DS gives faster deenergizing of
the inductive load, but higher peak power dissipation in
the PROFET. In case of a floating ground with a
potential higher than 19V referring to the OUT –
potential the device will switch on, if diode DS is not
used.


Similar Part No. - BTS50055-1TMC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS50055-1TMA INFINEON-BTS50055-1TMA Datasheet
304Kb / 18P
   Smart Highside High Current Power Switch
2010-April-27
BTS50055-1TMB INFINEON-BTS50055-1TMB Datasheet
299Kb / 18P
   Smart Highside High Current Power Switch
2010-April-27
More results

Similar Description - BTS50055-1TMC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS660P INFINEON-BTS660P Datasheet
707Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555-E3146 INFINEON-BTS555-E3146 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
BTS550 INFINEON-BTS550 Datasheet
289Kb / 15P
   Smart Highside High Current Power Switch
2010-June-01
BTS550P INFINEON-BTS550P Datasheet
279Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555 INFINEON-BTS555 Datasheet
302Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS6510 INFINEON-BTS6510 Datasheet
263Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS50055-1TMA INFINEON-BTS50055-1TMA Datasheet
304Kb / 18P
   Smart Highside High Current Power Switch
2010-April-27
BTS50085-1TMB INFINEON-BTS50085-1TMB Datasheet
305Kb / 18P
   Smart Highside High Current Power Switch
2008-Jan-24
BTS6510B INFINEON-BTS6510B Datasheet
264Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555E3146HKSA1 INFINEON-BTS555E3146HKSA1 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com