Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS50060-1TEA Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS50060-1TEA
Description  Smart High-Side Power Switch
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50060-1TEA Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS50060-1TEA Datasheet HTML 1Page - Infineon Technologies AG BTS50060-1TEA Datasheet HTML 2Page - Infineon Technologies AG BTS50060-1TEA Datasheet HTML 3Page - Infineon Technologies AG BTS50060-1TEA Datasheet HTML 4Page - Infineon Technologies AG BTS50060-1TEA Datasheet HTML 5Page - Infineon Technologies AG BTS50060-1TEA Datasheet HTML 6Page - Infineon Technologies AG BTS50060-1TEA Datasheet HTML 7Page - Infineon Technologies AG BTS50060-1TEA Datasheet HTML 8Page - Infineon Technologies AG BTS50060-1TEA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
PG-TO252-5-311
Type
Package
Marking
BTS50060-1TEA
PG-TO252-5-311
S50060A
Datasheet
3
Rev. 1.1, 2011-04-13
High current PROFETTM
Smart High-Side Power Switch
One Channel
BTS50060-1TEA
1Overview
Application
All types of resistive, inductive and capacitive loads
Most suitable for driving loads with PWM frequency from 0 Hz (DC
operation) up to 1kHz and above
Drives loads with high inrush current, e.g. PTC heaters
Replaces electromechanical relays, fuses and discrete circuits
Features
Reduced switching losses
Optimized for EMC - low emission, high immunity
Optimized for PWM frequencies of approx. 100Hz
3.3V and 5V compatible logic inputs
Advanced analog load current sense signal supporting easy calibration for very high accuracy
Embedded diagnosis features (e.g. open load detection at ON and OFF)
Embedded protection functions (e.g. over current shutdown, over temperature shutdown)
•Infineon® INTELLIGENT LATCH
Green Product (RoHS compliant)
AEC Qualified
Description
Embedded in a PG-TO252-5-311 package, the BTS50060-1TEA is a 6m
Ω single channel Smart High-Side Power
Switch. It is based on Smart power chip on chip technology with a P-channel vertical power MOSFET, providing
protective and diagnostic functions. It is specially designed to drive loads in the harsh automotive environment.
Table 1
Product Summary
Parameter
Symbol
Values
Range of typical PWM frequencies
f
PWM
0 Hz ... 1 kHz
Maximum On-state Resistance at
T
j = 150 °C
R
DS(ON)_150
12 m
Nominal Supply Voltage Range for Operation
V
S(NOM)
6 V … 19 V
Nominal Load Current (DC operation)
I
L(NOM)
16.5 A
Typical Load Current at 100Hz
I
L(100Hz)
13.5 A
Typical Stand-by Current at
T
j = 25 °C
I
S(OFF)
5
µA
Minimum short circuit current shutdown threshold
I
L(SC)
60 A
Maximum reverse battery voltage
-
V
S(REV)
16 V


Similar Part No. - BTS50060-1TEA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS50060-1TEA INFINEON-BTS50060-1TEA Datasheet
1Mb / 39P
   Smart High-Side Power Switch
Rev. 1.2, 2011-09-01
BTS50060-1TEA INFINEON-BTS50060-1TEA_11 Datasheet
1Mb / 39P
   Smart High-Side Power Switch
Rev. 1.2, 2011-09-01
More results

Similar Description - BTS50060-1TEA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com