Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ30AH Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BUZ30AH
Description  SIPMOS Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ30AH Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BUZ30AH Datasheet HTML 2Page - Infineon Technologies AG BUZ30AH Datasheet HTML 3Page - Infineon Technologies AG BUZ30AH Datasheet HTML 4Page - Infineon Technologies AG BUZ30AH Datasheet HTML 5Page - Infineon Technologies AG BUZ30AH Datasheet HTML 6Page - Infineon Technologies AG BUZ30AH Datasheet HTML 7Page - Infineon Technologies AG BUZ30AH Datasheet HTML 8Page - Infineon Technologies AG BUZ30AH Datasheet HTML 9Page - Infineon Technologies AG BUZ30AH Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BUZ 30A H
Rev. 2.5
Page 7
2010-07-02
Gate threshold voltage
VGS (th) = ƒ(Tj)
parameter:
VGS = VDS, ID = 1 mA
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
V
4.6
V
GS(th)
-60
-20
20
60
100
˚C
160
T
j
2%
typ
98%
Drain-source on-resistance
RDS (on) = ƒ(Tj)
parameter:
ID = 13.5 A, VGS = 10 V
-60
-20
20
60
100
˚C
160
T
j
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.50
R
DS (on)
typ
98%
Typ. capacitances
C = f (VDS)
parameter:
VGS = 0V, f = 1MHz
0
5
10
15
20
25
30
V
40
V
DS
-2
10
-1
10
0
10
1
10
nF
C
C
rss
C
oss
C
iss
Forward characteristics of reverse diode
IF = ƒ(VSD)
parameter:
Tj, tp = 80 µs
-1
10
0
10
1
10
2
10
A
I
F
0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
V
SD
T
j = 25 ˚C typ
T
j = 25 ˚C (98%)
T
j = 150 ˚C typ
T
j = 150 ˚C (98%)


Similar Part No. - BUZ30AH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUZ30AH ISC-BUZ30AH Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
BUZ30AH3045A INFINEON-BUZ30AH3045A Datasheet
1Mb / 10P
   SIPMOS Power Transistor
Rev.2.2 2010-07-02
More results

Similar Description - BUZ30AH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com