Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ31H Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BUZ31H
Description  SIPMOS Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ31H Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BUZ31H Datasheet HTML 2Page - Infineon Technologies AG BUZ31H Datasheet HTML 3Page - Infineon Technologies AG BUZ31H Datasheet HTML 4Page - Infineon Technologies AG BUZ31H Datasheet HTML 5Page - Infineon Technologies AG BUZ31H Datasheet HTML 6Page - Infineon Technologies AG BUZ31H Datasheet HTML 7Page - Infineon Technologies AG BUZ31H Datasheet HTML 8Page - Infineon Technologies AG BUZ31H Datasheet HTML 9Page - Infineon Technologies AG BUZ31H Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BUZ 31 H
Rev. 2.5
Page 6
2009-11-09
Typ. output characteristics
ID = ƒ(VDS)
parameter:
tp = 80 µs
0
2
4
6
8
10
V
13
V
DS
0
4
8
12
16
20
24
A
32
I
D
V
GS [V]
a
a
4.0
b
b
4.5
c
c
5.0
d
d
5.5
e
e
6.0
f
f
6.5
g
g
7.0
h
h
7.5
i
i
8.0
j
j
9.0
k
k
10.0
l
Ptot = 95W
l
20.0
Typ. drain-source on-resistance
RDS (on) = ƒ(ID)
parameter:
VGS
0
4
8
12
16
20
A
28
I
D
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.65
R
DS (on)
VGS [V] =
a
4.0
VGS [V] =
a
a
4.5
b
b
5.0
c
c
5.5
d
d
6.0
e
e
6.5
f
f
7.0
g
g
7.5
h
h
8.0
i
i
9.0
j
j
10.0
k
k
20.0
Typ. transfer characteristics
ID = f (VGS)
parameter:
tp = 80 µs
VDS2 x ID x RDS(on)max
0
1
2
3
4
5
6
7
8
V
10
V
GS
0
2
4
6
8
10
12
A
16
I
D
Typ. forward transconductance
gfs = f (ID)
parameter:
tp = 80 µs,
VDS2 x ID x RDS(on)max
0
2
4
6
8
10
12
A
16
I
D
0
1
2
3
4
5
6
7
8
9
10
11
S
13
g
fs


Similar Part No. - BUZ31H

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUZ31H ISC-BUZ31H Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
BUZ31H3045A INFINEON-BUZ31H3045A Datasheet
1Mb / 10P
   SIPMOS Power Transistor
Rev.2.1 2009-11-09
BUZ31H3046 INFINEON-BUZ31H3046 Datasheet
801Kb / 10P
   SIPMOS 짰 Power Transistor
Rev. 2.0 2012-12-10
logo
Inchange Semiconductor ...
BUZ31H3046 ISC-BUZ31H3046 Datasheet
279Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - BUZ31H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com