Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2200N Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # D2200N
Description  Netz-Gleichrichterdiode Rectifier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

D2200N Datasheet(HTML) 5 Page - Infineon Technologies AG

  D2200N Datasheet HTML 1Page - Infineon Technologies AG D2200N Datasheet HTML 2Page - Infineon Technologies AG D2200N Datasheet HTML 3Page - Infineon Technologies AG D2200N Datasheet HTML 4Page - Infineon Technologies AG D2200N Datasheet HTML 5Page - Infineon Technologies AG D2200N Datasheet HTML 6Page - Infineon Technologies AG D2200N Datasheet HTML 7Page - Infineon Technologies AG D2200N Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
N
Netz-Gleichrichterdiode
Rectifier Diode
Datenblatt / Data sheet
D2200N
IFBIP D AEC / 2009-05-11, H.Sandmann
A 18/09
5/8
Seite/page
Diagramme
Diagramme
Durchlasskennlinie
Erhöhung des Zth DC bei sinus- und rechteckförmigen Strömen für unterschiedliche Stromflusswinkel Θ
Rise of Zth DC for sinewave and rectangular current for different current conduction angles Θ
∆Zth Θ rec / ∆Zth Θ sin
Kühlung / Cooling
Θ = 180°
Θ = 120°
Θ = 90°
Θ = 60°
Θ = 30°
∆Zth Θ rec
[°C/W]
0,00136
0,00219
0,00284
0,00384
0,00568
beidseitig
two-sided
∆Zth Θ sin
[°C/W]
0,00088
0,00123
0,00172
0,00257
0,00441
∆Zth Θ rec
[°C/W]
0,00448
0,00759
0,00985
0,01292
0,01725
anodenseitig
anode-sided
∆Zth Θ sin
[°C/W]
0,00334
0,00489
0,00693
0,01005
0,01518
∆Zth Θ rec
[°C/W]
0,00448
0,00759
0,00985
0,01292
0,01725
kathodenseitig
cathode-sided
∆Zth Θ sin
[°C/W]
0,00334
0,00489
0,00693
0,01005
0,01518
Zth Θ rec = Zth DC +
∆Zth Θ rec
Zth Θ sin = Zth DC +
∆Zth Θ sin
Tvj = Tvj max
0
2.000
4.000
6.000
8.000
10.000
12.000
0,8
1
1,2
1,4
1,6
1,8
2
2,2
2,4
2,6
VF [V]
Grenzdurchlasskennlinie / Limiting on-state characteristic iF = f(vF)


Similar Part No. - D2200N

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D2201 SEME-LAB-D2201 Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
logo
Nihon Kaiheiki Industry...
D22012B NKK-D22012B Datasheet
1Mb / 10P
   General Specifications
D22012H NKK-D22012H Datasheet
1Mb / 10P
   General Specifications
D22012LB NKK-D22012LB Datasheet
1Mb / 10P
   General Specifications
D22012LH NKK-D22012LH Datasheet
1Mb / 10P
   General Specifications
More results

Similar Description - D2200N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D850N INFINEON-D850N Datasheet
236Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2008-09-15 revision:3.0
46DN06 INFINEON-46DN06 Datasheet
183Kb / 7P
   Netz-Gleichrichterdiode Rectifier Diode
2011-02-17 revision:3.0
D650N INFINEON-D650N Datasheet
217Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2010-01-19 revision:3.1
65DN06B02 INFINEON-65DN06B02 Datasheet
447Kb / 9P
   Netz-Gleichrichterdiode Rectifier Diode
2020-08-26 Revision: 3.1
38DN06B02 INFINEON-38DN06B02 Datasheet
415Kb / 9P
   Netz-Gleichrichterdiode Rectifier Diode
2020-12-01 Revision: 3.1
D770N INFINEON-D770N Datasheet
217Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2010-01-20 revision:3.1
D950N INFINEON-D950N Datasheet
217Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2010-01-20 revision:3.1
D1050N INFINEON-D1050N Datasheet
235Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2009-06-16 revision:2
D8407N INFINEON-D8407N Datasheet
186Kb / 7P
   Netz-Gleichrichterdiode Rectifier Diode
2007-10-22 revision:2
logo
eupec GmbH
D3041N EUPEC-D3041N Datasheet
288Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
46DN02 EUPEC-46DN02 Datasheet
116Kb / 12P
   Netz-Gleichrichterdiode Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com