Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD231N Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # DD231N
Description  Netz-Dioden-Modul Rectifier Diode Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DD231N Datasheet(HTML) 2 Page - Infineon Technologies AG

  DD231N Datasheet HTML 1Page - Infineon Technologies AG DD231N Datasheet HTML 2Page - Infineon Technologies AG DD231N Datasheet HTML 3Page - Infineon Technologies AG DD231N Datasheet HTML 4Page - Infineon Technologies AG DD231N Datasheet HTML 5Page - Infineon Technologies AG DD231N Datasheet HTML 6Page - Infineon Technologies AG DD231N Datasheet HTML 7Page - Infineon Technologies AG DD231N Datasheet HTML 8Page - Infineon Technologies AG DD231N Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DD231N
IFBIP D AEC / 2011-03-01, M.Stelte
A14/11
2/9
Seite/page
Mechanische Eigenschaften
Mit diesem Datenblatt werden Halbleiterbauelemente spezifiziert, jedoch keine Eigenschaften zugesichert. Sie gilt in
Verbindung mit den zugehörigen technischen Erläuterungen.
This data sheet specifies semiconductor devices, but promises no characteristics. It is valid in combination with the belonging
technical notes.
Mechanische Eigenschaften / Mechanical properties
Gehäuse, siehe Anlage
case, see annex
Seite 3
page 3
Si-Element mit Druckkontakt
Si-pellet with pressure contact
Innere Isolation
internal insulation
AlN
Anzugsdrehmoment für mechanische Anschlüsse
mounting torque
Toleranz ±15%
M1
5
Nm
Anzugsdrehmoment für elektrische Anschlüsse
terminal connection torque
Toleranz ±10%
M2
12
Nm
Gewicht
weight
G
typ.
800 g
Kriechstrecke
creepage distance
17 mm
Schwingfestigkeit
vibration resistance
f = 50 Hz
50 m/s²
file-No.
E 83336


Similar Part No. - DD231N

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS
More results

Similar Description - DD231N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD261N22K INFINEON-DD261N22K Datasheet
261Kb / 11P
   Netz-Dioden-Modul Rectifier Diode Module
14.08.03 revision:2
DD540N22K INFINEON-DD540N22K Datasheet
228Kb / 11P
   Netz-Dioden-Modul Rectifier Diode Module
06.05.03 revision:1
DD390N22S INFINEON-DD390N22S Datasheet
472Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2022-06-27 Revision 3.3
DD171N16K INFINEON-DD171N16K Datasheet
546Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
DD220N16S INFINEON-DD220N16S Datasheet
448Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2018-03-21 Revision 3.1
logo
eupec GmbH
DD285N EUPEC-DD285N Datasheet
241Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
logo
Infineon Technologies A...
DD171N12K INFINEON-DD171N12K Datasheet
546Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
DD89N12K INFINEON-DD89N12K Datasheet
231Kb / 11P
   Netz-Dioden-Modul Rectifier Diode Module
29.04.03 revision:1
DD171N INFINEON-DD171N Datasheet
583Kb / 9P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
DD104N INFINEON-DD104N Datasheet
231Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
Ver 1 29.04.03
DD160N INFINEON-DD160N Datasheet
206Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2009-02-11 revision:1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com