Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73863T Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP73863T
Description  Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73863T Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP73863T Datasheet HTML 5Page - Microchip Technology MCP73863T Datasheet HTML 6Page - Microchip Technology MCP73863T Datasheet HTML 7Page - Microchip Technology MCP73863T Datasheet HTML 8Page - Microchip Technology MCP73863T Datasheet HTML 9Page - Microchip Technology MCP73863T Datasheet HTML 10Page - Microchip Technology MCP73863T Datasheet HTML 11Page - Microchip Technology MCP73863T Datasheet HTML 12Page - Microchip Technology MCP73863T Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
 2011 Microchip Technology Inc.
DS21893E-page 9
MCP73861/2/3/4
NOTE: Unless otherwise indicated, VDD = [VREG(typ.) + 1V], IOUT = 10 mA and TA= +25°C, Constant-voltage mode.
FIGURE 2-13:
Battery Regulation Voltage
(VBAT) vs. Charge Current (IOUT).
FIGURE 2-14:
Battery Regulation Voltage
(VBAT) vs. Supply Voltage (VDD).
FIGURE 2-15:
Battery Regulation Voltage
(VBAT) vs. Supply Voltage (VDD).
FIGURE 2-16:
Supply Current (ISS) vs.
Charge Current (IOUT).
FIGURE 2-17:
Supply Current (ISS) vs.
Supply Voltage (VDD).
FIGURE 2-18:
Supply Current (ISS) vs.
Supply Voltage (VDD).
8.393
8.395
8.397
8.399
8.401
8.403
8.405
8.407
10
100
1000
Charge Current (mA)
MCP73862/4
VSET = VDD
VDD = 9.4V
8.393
8.395
8.397
8.399
8.401
8.403
8.405
8.407
10.0
10.4
10.8
11.2
11.6
12.0
Supply Voltage (V)
MCP73862/4
VSET = VDD
IOUT = 1000 mA
8.398
8.400
8.402
8.404
8.406
8.408
8.410
8.412
9.0
9.5
10.0
10.5
11.0
11.5
12.0
Supply Voltage (V)
MCP73862/4
VSET = VDD
IOUT = 10 mA
0.40
0.50
0.60
0.70
0.80
0.90
1.00
10
100
1000
Charge Current (mA)
MCP73862/4
VSET = VDD
VDD = 9.4V
0.40
0.60
0.80
1.00
1.20
1.40
1.60
9.0
9.5
10.0
10.5
11.0
11.5
12.0
Supply Voltage (V)
MCP73862/4
VSET = VDD
IOUT = 1000 mA
0.40
0.50
0.60
0.70
0.80
0.90
1.00
9.0
9.5
10.0
10.5
11.0
11.5
12.0
Supply Voltage (V)
MCP73862/4
VSET = VDD
IOUT = 10 mA


Similar Part No. - MCP73863T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73863T MICROCHIP-MCP73863T Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73863T-I/ML MICROCHIP-MCP73863T-I/ML Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73863T-I/ML MICROCHIP-MCP73863T-I/ML Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73863T-I/SL MICROCHIP-MCP73863T-I/SL Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73863T-I/SL MICROCHIP-MCP73863T-I/SL Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
More results

Similar Description - MCP73863T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73861 MICROCHIP-MCP73861 Datasheet
402Kb / 26P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com