Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSS7341 Datasheet(PDF) 3 Page - Microchip Technology

Part # MSS7341
Description  High Voltage Input Integrated Switch Step-Down Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSS7341 Datasheet(HTML) 3 Page - Microchip Technology

  MSS7341 Datasheet HTML 1Page - Microchip Technology MSS7341 Datasheet HTML 2Page - Microchip Technology MSS7341 Datasheet HTML 3Page - Microchip Technology MSS7341 Datasheet HTML 4Page - Microchip Technology MSS7341 Datasheet HTML 5Page - Microchip Technology MSS7341 Datasheet HTML 6Page - Microchip Technology MSS7341 Datasheet HTML 7Page - Microchip Technology MSS7341 Datasheet HTML 8Page - Microchip Technology MSS7341 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
© 2011 Microchip Technology Inc.
DS25004A-page 3
MCP16301
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VIN, SW ............................................................... -0.5V to 40V
BOOST – GND ................................................... -0.5V to 46V
BOOST – SW Voltage........................................ -0.5V to 6.0V
VFB Voltage ........................................................ -0.5V to 6.0V
EN Voltage ............................................. -0.5V to (VIN + 0.3V)
Output Short Circuit Current ................................. Continuous
Power Dissipation ....................................... Internally Limited
Storage Temperature ................................... -65
°C to +150°C
Ambient Temperature with Power Applied ..... -40
°C to +85°C
Operating Junction Temperature.................. -40
°C to +125°C
ESD Protection On All Pins:
HBM ................................................................. 3 kV
MM .................................................................200 V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated
in
the
operational
sections
of
this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, T
A = +25°C, VIN = VEN = 12V, VBOOST - VSW = 3.3V,
VOUT = 3.3V, IOUT = 100 mA, L = 15 µH, COUT = CIN = 2 X 10 µF X7R Ceramic Capacitors
Boldface specifications apply over the T
A range of -40
oC to +85oC.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Voltage
VIN
4.0
30
V
Note 1
Feedback Voltage
VFB
0.784
0.800
0.816
V
Output Voltage Adjust Range
VOUT
2.0
15.0
V
Note 2
Feedback Voltage
Line Regulation
(ΔV
FB/VFB)/ΔVIN
0.01
0.1
%/V
VIN = 12V to 30V;
Feedback Input Bias Current
IFB
-250
±10
+250
nA
Undervoltage Lockout Start
UVLOSTRT
3.5
4.0
V
VIN Rising
Undervoltage Lockout Stop
UVLOSTOP
2.4
3.0
V
VIN Falling
Undervoltage Lockout
Hysteresis
UVLOHYS
0.4
V
Switching Frequency
fSW
425
500
550
kHz
IOUT = 200 mA
Maximum Duty Cycle
DCMAX
90
95
%
VIN = 5V; VFB = 0.7V;
IOUT = 100 mA
Minimum Duty Cycle
DCMIN
1
%
NMOS Switch On Resistance
RDS(ON)
0.46
Ω
VBOOST - VSW = 3.3V
NMOS Switch Current Limit
IN(MAX)
1.3
A
VBOOST - VSW = 3.3V
Quiescent Current
IQ
2
7.5
mA
VBOOST= 3.3V; Note 3
Quiescent Current - Shutdown
IQ
7
10
µA
VOUT = EN = 0V
Maximum Output Current
IOUT
600
mA
Note 1
EN Input Logic High
VIH
1.4
V
EN Input Logic Low
VIL
0.4
V
EN Input Leakage Current
IENLK
0.05
1.0
µA
VEN = 12V
Soft-Start Time
tSS
150
µS
EN Low to High,
90% of VOUT
Note 1:
The input voltage should be > output voltage + headroom voltage; higher load currents increase the input voltage
necessary for regulation. See characterization graphs for typical input to output operating voltage range.
2:
For VIN < VOUT, VOUT will not remain in regulation.
3:
VBOOST supply is derived from VOUT.


Similar Part No. - MSS7341

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSS7341 ETC-MSS7341 Datasheet
85Kb / 2P
   SMT Power Inductors
logo
Coilcraft lnc.
MSS7341 COILCRAFT-MSS7341 Datasheet
385Kb / 2P
   Shielded Power Inductors
MSS7341-103ML COILCRAFT-MSS7341-103ML Datasheet
204Kb / 2P
   SMT Power Inductors
MSS7341-103ML COILCRAFT-MSS7341-103ML Datasheet
385Kb / 2P
   Shielded Power Inductors
MSS7341-103MLB COILCRAFT-MSS7341-103MLB Datasheet
170Kb / 2P
   Shielded Power Inductors MSS7341
More results

Similar Description - MSS7341

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16301 MICROCHIP-MCP16301_V01 Datasheet
783Kb / 38P
   High-Voltage Input Integrated Switch Step-Down Regulator
Revision E January 2021
MCP16331 MICROCHIP-MCP16331 Datasheet
993Kb / 40P
   High-Voltage Input Integrated Switch Step-Down Regulator
03/25/14
MCP16301 MICROCHIP-MCP16301_15 Datasheet
1Mb / 40P
   High-Voltage Input Integrated Switch Step-Down Regulator
01/27/15
MCP16331 MICROCHIP-MCP16331_V01 Datasheet
1Mb / 48P
   High-Voltage Input Integrated Switch Step-Down Regulator
Revision D January 2021
MCP16301 MICROCHIP-MCP16301_12 Datasheet
1Mb / 40P
   High-Voltage Input Integrated Switch Step-Down Regulator
2011-2012 10/26/12
MCP16311 MICROCHIP-MCP16311 Datasheet
954Kb / 40P
   30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
MCP16311 MICROCHIP-MCP16311_V01 Datasheet
1Mb / 40P
   30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
Revision C July 2019
logo
Advanced Analogic Techn...
AAT1184 ANALOGICTECH-AAT1184 Datasheet
3Mb / 19P
   High Voltage Step-Down Regulator
logo
Allegro MicroSystems
A8499 ALLEGRO-A8499 Datasheet
307Kb / 7P
   High Voltage Step-Down Regulator
A8447 ALLEGRO-A8447 Datasheet
371Kb / 9P
   High Voltage Step Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com