Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J510_TO-92 Datasheet(PDF) 1 Page - Micross Components

Part # J510_TO-92
Description  Current Regulator Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

J510_TO-92 Datasheet(HTML) 1 Page - Micross Components

  J510_TO-92 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web:
www.micross.com/distribution.aspx
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of
patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
The Linear Systems J510 is a ± 20% range current regulator
J510
Current Regulator Diode
J510 Applications:
Constant-Current Supply
Current-Limiting
Timing Circuits
The J510 is a ±20% range current regulator designed for
demanding applications in test equipment and instrumentation.
The J510 utilizes JFET techniques to produce a single two-leaded
device which is extremely simple to operate.
Two-Lead Plastic Package
Guaranteed ±20% Tolerance
Operation up to 50V
Excellent Temperature Stability
Simple Series Circuitry, No Separate Voltage Source
Tight Guaranteed Circuit Performance
Excellent Performance in Low-Voltage/Battery Circuits
and High-Voltage Spike Protection
High Circuit Stability vs. Temperature
Linear Systems replaces discontinued Siliconix J510
Notes:
1. Absolute maximum ratings are limiting values above which serviceability may be impaired.
2. Pulsed, t = 2ms. Maximum VF where IF < 1.1IF(max).
3. Pulsed, t = 2ms. Continuous currents may vary.
4. Pulsed, t = 2ms. Continuous impedances may vary.
5. Min VF required to ensure IF = 0.8IF(min).
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
Please contact Micross for full package and die dimensions
Available
Packages:
TO-92
Bare Die.


Similar Part No. - J510_TO-92

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
J510-E3 VISHAY-J510-E3 Datasheet
44Kb / 5P
   Current Regulator Diodes
Rev. F, 02-Jul-01
logo
Laird Tech Smart Techno...
J51016V00-90N LSTD-J51016V00-90N Datasheet
325Kb / 2P
   Rugged carrier class construction
J51017V00-60N LSTD-J51017V00-60N Datasheet
1Mb / 2P
   Broadband Wireless Antenna
logo
List of Unclassifed Man...
J5104-K62 ETC2-J5104-K62 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
J5105-K62 ETC2-J5105-K62 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
More results

Similar Description - J510_TO-92

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSJ501_TO-92 MICROSS-LSJ501_TO-92 Datasheet
532Kb / 1P
   Current Regulator Diode
SST503_SOT-23 MICROSS-SST503_SOT-23 Datasheet
324Kb / 1P
   Current Regulator Diode
SST505_SOT-23 MICROSS-SST505_SOT-23 Datasheet
323Kb / 1P
   Current Regulator Diode
SST506_SOT-23 MICROSS-SST506_SOT-23 Datasheet
324Kb / 1P
   Current Regulator Diode
LSJ505_SOT-23 MICROSS-LSJ505_SOT-23 Datasheet
545Kb / 1P
   Current Regulator Diode
J500_TO-92 MICROSS-J500_TO-92 Datasheet
553Kb / 1P
   Current Regulator Diode
J506_TO-92 MICROSS-J506_TO-92 Datasheet
531Kb / 1P
   Current Regulator Diode
LSJ501_SOT-23 MICROSS-LSJ501_SOT-23 Datasheet
543Kb / 1P
   Current Regulator Diode
LSJ506_TO-92 MICROSS-LSJ506_TO-92 Datasheet
531Kb / 1P
   Current Regulator Diode
LSJ509_SOT-23 MICROSS-LSJ509_SOT-23 Datasheet
547Kb / 1P
   Current Regulator Diode
LSJ510_TO-92 MICROSS-LSJ510_TO-92 Datasheet
544Kb / 1P
   Current Regulator Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com