Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP10R06W1E3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # FP10R06W1E3
Description  EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP10R06W1E3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  FP10R06W1E3 Datasheet HTML 1Page - Infineon Technologies AG FP10R06W1E3 Datasheet HTML 2Page - Infineon Technologies AG FP10R06W1E3 Datasheet HTML 3Page - Infineon Technologies AG FP10R06W1E3 Datasheet HTML 4Page - Infineon Technologies AG FP10R06W1E3 Datasheet HTML 5Page - Infineon Technologies AG FP10R06W1E3 Datasheet HTML 6Page - Infineon Technologies AG FP10R06W1E3 Datasheet HTML 7Page - Infineon Technologies AG FP10R06W1E3 Datasheet HTML 8Page - Infineon Technologies AG FP10R06W1E3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
*
#
% $
!
"
>
%
A
+
+
8QR 0 'S=
)-./
!
)
>
+
9
=
8- 0
S=T 8QR 0
'S=
8- 0 'S=T 8QR 0
'S=
1-234
1-
!
5
5
O
9
>
A
F
>
U 0
1-67
5
B
)
+
:
8- 0 'S=T 8QR 0
'S=
OE3E
! T
K
B
%
A
F
+
+
>
+
)V./
W,
)
#
$
<
>
%
A* +
+
+
+
1- 0
5T )V. 0 ' )
1- 0
5T )V. 0 ' )
1- 0
5T )V. 0 ' )
)-. CDE
T''
T
T
T
)
)
)
8QR 0 'S=
8QR 0
'S=
8QR 0 ' S=
B
A 9:
+
+
9
9
+
1- 0 T&
5T )-. 0 )V.T 8QR 0 'S=
)V.EX
YT
'T
!T'
)
B
+
+
9 +
)V. 0
' )
W ' )
ZV
T
[=
1
B
:
+
8QR 0 'S=
LV\2E
T
]
% +
+ >
F *
0
;FT 8QR 0 'S=T )-. 0 ' )T )V. 0
)
=\^C
T''
?
LJ >: >
+ >
F *
0
;FT 8QR 0 'S=T )-. 0 ' )T )V. 0
)
=_^C
T
?
>
%
L
)-. 0 !
)T )V. 0
)T 8QR 0 'S=
1-./
T
5
B
%
L
+
> +
)-. 0
)T )V. 0
)T 8QR 0 'S=
1V./
Y
5
%
9
FM+
+ F
$
#
(
$
(
1- 0
5T )-. 0 &
)
)V. 0 ` ' )
LV32 0
]
a 32
T
T
T
[
[
[
8QR 0 'S=
8QR 0
'S=
8QR 0 ' S=
5
+ F
$
>
#
(
$
(
1- 0
5T )-. 0 &
)
)V. 0 ` ' )
LV32 0
]
_
T
T
&
T
Y
[
[
[
8QR 0 'S=
8QR 0
'S=
8QR 0 ' S=
5
9
FM+
+ F
$
#
(
$
(
1- 0
5T )-. 0 &
)
)V. 0 ` ' )
LV3bb 0
]
a 3bb
T
T
T
'
[
[
[
8QR 0 'S=
8QR 0
'S=
8QR 0 ' S=
?
F
$
>
#
(
$
(
1- 0
5T )-. 0 &
)
)V. 0 ` ' )
LV3bb 0
]
b
T
'
T &
T &'
[
[
[
8QR 0 'S=
8QR 0
'S=
8QR 0 ' S=
%
9
+
O
+
1- 0
5T )-. 0 &
)T #/ 0
;
)V. 0 ` ' )
LV32 0
]
%32
T Y
T
T
c
c
c
8QR 0 'S=
8QR 0
'S=
8QR 0 ' S=
5
9
+
O
+
1- 0
5T )-. 0 &
)T #/ 0
;
)V. 0 ` ' )
LV3bb 0
]
%3bb
T Y
T&
T&
c
c
c
8QR 0 'S=
8QR 0
'S=
8QR 0 ' S=
F
9
9
A=
)V. d ' )T )-- 0 &! )
)-.4De 0 )-./ #C-. f
,
1/-
'
5
5
8QR 0 'S=
8QR 0 ' S=
U d
[ T
U d ! [ T
1
K*
:
9
T g
1B 8 ,
1B 8
LEXh-
T
T
,K
i
+
+ K*
:
9
T
9
>
1B 8 ,
1B 8
jUDCE^ 0
K,$ f ( , jk_^DC^ 0
K,$ f (
LEX-l
T&'
,K


Similar Part No. - FP10R06W1E3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP10R06W1E3 INFINEON-FP10R06W1E3 Datasheet
956Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.1
FP10R06W1E3 INFINEON-FP10R06W1E3_13 Datasheet
956Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.1
FP10R06W1E3_B11 INFINEON-FP10R06W1E3_B11 Datasheet
673Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:3.0
FP10R06W1E3_B11 INFINEON-FP10R06W1E3_B11 Datasheet
835Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:3.0
FP10R06W1E3_B11 INFINEON-FP10R06W1E3_B11_13 Datasheet
835Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:3.0
More results

Similar Description - FP10R06W1E3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FB20R06W1E3_B1 INFINEON-FB20R06W1E3_B1 Datasheet
670Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3_B1 INFINEON-FB30R06W1E3_B1 Datasheet
669Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP30R06W1E3 INFINEON-FP30R06W1E3 Datasheet
654Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP15R06W1E3 INFINEON-FP15R06W1E3 Datasheet
650Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP20R06W1E3 INFINEON-FP20R06W1E3 Datasheet
654Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB20R06W1E3 INFINEON-FB20R06W1E3 Datasheet
570Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3 INFINEON-FB30R06W1E3 Datasheet
571Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB10R06W1E3 INFINEON-FB10R06W1E3 Datasheet
568Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB15R06W1E3 INFINEON-FB15R06W1E3 Datasheet
568Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP15R06W1E3_B11 INFINEON-FP15R06W1E3_B11 Datasheet
677Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com