Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F32KA301 Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC24F32KA301
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
Download  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F32KA301 Datasheet(HTML) 5 Page - Microchip Technology

  PIC24F32KA301 Datasheet HTML 1Page - Microchip Technology PIC24F32KA301 Datasheet HTML 2Page - Microchip Technology PIC24F32KA301 Datasheet HTML 3Page - Microchip Technology PIC24F32KA301 Datasheet HTML 4Page - Microchip Technology PIC24F32KA301 Datasheet HTML 5Page - Microchip Technology PIC24F32KA301 Datasheet HTML 6Page - Microchip Technology PIC24F32KA301 Datasheet HTML 7Page - Microchip Technology PIC24F32KA301 Datasheet HTML 8Page - Microchip Technology PIC24F32KA301 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 320 page
background image
 2011 Microchip Technology Inc.
DS39995B-page 5
PIC24FV32KA304 FAMILY
Pin Diagrams
Legend:
Pin numbers in bold indicate pin function differences between PIC24FV and PIC24F devices.
Note
1:
PIC24F32KA304 device pins have a maximum voltage of 3.6V and are not 5V tolerant.
20-Pin SPDIP/SSOP/SOIC(1)
MCLR/RA5
RA3
RA0
RA1
VDD
VSS
RB0
RB7
RA4
RB4
RB8
RA2
RB2
RB1
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
RB15
RB14
RB13
RB12
RB9
RA6 OR VCAP
Pin
Pin Features
PIC24FVXXKA301
PIC24FXXKA301
1MCLR/VPP/RA5
MCLR/VPP/RA5
2PGEC2/VREF+/CVREF+/AN0/C3INC/SCK2/CN2/RA0
PGEC2/VREF+/CVREF+/AN0/C3INC/SCK2/CN2/RA0
3PGED2/CVREF-/VREF-/AN1/SDO2/CN3/RA1
PGED2/CVREF-/VREF-/AN1/SDO2/CN3/RA1
4
PGED1/AN2/ULPWU/CTCMP/C1IND/C2INB/C3IND/U2TX/SDI2/
OC2/CN4/RB0
PGED1/AN2/ULPWU/CTCMP/C1IND/C2INB/C3IND/U2TX/SDI2/
OC2/CN4/RB0
5
PGEC1/AN3/C1INC/C2INA/U2RX/OC3/CTED12/CN5/RB1
PGEC1/AN3/C1INC/C2INA/U2RX/OC3/CTED12/CN5/RB1
6
AN4/SDA2/T5CK/T4CK/U1RX/CTED13/CN6/RB2
AN4/SDA2/T5CK/T4CK/U1RX/CTED13/CN6/RB2
7
OSCI/AN13/C1INB/C2IND/CLKI/CN30/RA2
OSCI/AN13/C1INB/C2IND/CLKI/CN30/RA2
8
OSCO/AN14/C1INA/C2INC/CLKO/CN29/RA3
OSCO/AN14/C1INA/C2INC/CLKO/CN29/RA3
9
PGED3/SOSCI/AN15/U2RTS/CN1/RB4
PGED3/SOSCI/AN15/U2RTS/CN1/RB4
10
PGEC3/SOSCO/SCLKI/U2CTS/CN0/RA4
PGEC3/SOSCO/SCLKI/U2CTS/CN0/RA4
11
U1TX/C2OUT/OC1/IC1/CTED1/INT0/CN23/RB7
U1TX/INT0/CN23/RB7
12
SCL1/U1CTS/C3OUT/CTED10/CN22/RB8
SCL1/U1CTS/C3OUT/CTED10/CN22/RB8
13
SDA1/T1CK/U1RTS/IC2/CTED4/CN21/RB9
SDA1/T1CK/U1RTS/IC2/CTED4/CN21/RB9
14
VCAP
C2OUT/OC1/IC1/CTED1/INT2/CN8/RA6
15
AN12/LVDIN/SCK1/SS2/IC3/CTED2/INT2/CN14/RB12
AN12/LVDIN/SCK1/SS2/IC3/CTED2/CN14/RB12
16
AN11/SDO1/OCFB/CTPLS/CN13/RB13
AN11/SDO1/OCFB/CTPLS/CN13/RB13
17
CVREF/AN10/C3INB/RTCC/SDI1/C1OUT/OCFA/CTED5/INT1/
CN12/RB14
CVREF/AN10/C3INB/RTCC/SDI1/C1OUT/OCFA/CTED5/INT1/
CN12/RB14
18
AN9/C3INA/SCL2/T3CK/T2CK/REFO/SS1/CTED6/CN11/RB15
AN9/C3INA/SCL2/T3CK/T2CK/REFO/SS1/CTED6/CN11/RB15
19
VSS/AVSS
VSS/AVSS
20
VDD/AVDD
VDD/AVDD


Similar Part No. - PIC24F32KA301

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F32KA301 MICROCHIP-PIC24F32KA301 Datasheet
4Mb / 364P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC24F32KA301 MICROCHIP-PIC24F32KA301 Datasheet
2Mb / 320P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
02/18/11
More results

Similar Description - PIC24F32KA301

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304_13 Datasheet
4Mb / 364P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC24FV32KA304-I MICROCHIP-PIC24FV32KA304-I Datasheet
2Mb / 320P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
02/18/11
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304 Datasheet
2Mb / 322P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
2011
PIC24FJ64GA104 MICROCHIP-PIC24FJ64GA104 Datasheet
2Mb / 308P
   28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC24F16KA102 MICROCHIP-PIC24F16KA102_11 Datasheet
2Mb / 278P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
2008-2011
PIC24F08KA102-I MICROCHIP-PIC24F08KA102-I Datasheet
2Mb / 278P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC24F16KA102 MICROCHIP-PIC24F16KA102 Datasheet
3Mb / 254P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC16F1516 MICROCHIP-PIC16F1516_12 Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1516-I MICROCHIP-PIC16F1516-I Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1519-I MICROCHIP-PIC16F1519-I Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com