Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP503 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # VP503
Description  CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VP503 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button VP503 Datasheet HTML 3Page - Sanyo Semicon Device VP503 Datasheet HTML 4Page - Sanyo Semicon Device VP503 Datasheet HTML 5Page - Sanyo Semicon Device VP503 Datasheet HTML 6Page - Sanyo Semicon Device VP503 Datasheet HTML 7Page - Sanyo Semicon Device VP503 Datasheet HTML 8Page - Sanyo Semicon Device VP503 Datasheet HTML 9Page - Sanyo Semicon Device VP503 Datasheet HTML 10Page - Sanyo Semicon Device VP503 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Application Notes
Mounting notes:
Since the specified heat sink is required to operate a mounted Video Pack, we recommend the following mounting
technique. (See the thermal design item for details on the required heat sink.) In particular, since the package used for this
product is even more compact than that used in the earlier VPS series, the following points require special care. (These
are recommendations.)
1. A tightening torque of between 0.39 and 0.88 N-m is recommended.
2. The bolt hole spacing in the heat sink should match that of the IC. In particular, the bolt hole spacing should be pulled
in to be as close as possible, within the range that mounting is possible, to the dimensions A and B in the package
dimensions drawing, as shown below.
3. Use either the truss screws (truss bolts) or binding screws stipulated in the JIS standards as the mounting bolts. Also,
use washers to protect the IC case.
4. Foreign matter, such as machining chips, must not be left trapped between the IC case and the heat sink. If grease is
applied to the junction surface, be sure to apply the grease evenly.
5. Solder the IC leads to the printed circuit board after mounting the heat sink to the IC.
Note: The heat sink is absolutely required to operate this Video Pack. Never, in any situation, apply power to a Video
Pack as an independent device. The Video Pack may be destroyed.
No. 4933-10/11
VP503


Similar Part No. - VP503

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
VP5-0053-R COOPER-VP5-0053-R Datasheet
444Kb / 8P
   Inductors and Transformers
logo
Eaton All Rights Reserv...
VP5-0053-R EATON-VP5-0053-R Datasheet
1Mb / 9P
   VERSA-PAC짰 Inductors and Transformers (Surface Mount)
logo
Cooper Bussmann, Inc.
VP5-0067-R COOPER-VP5-0067-R Datasheet
444Kb / 8P
   Inductors and Transformers
logo
Eaton All Rights Reserv...
VP5-0067-R EATON-VP5-0067-R Datasheet
1Mb / 9P
   VERSA-PAC짰 Inductors and Transformers (Surface Mount)
logo
Cooper Bussmann, Inc.
VP5-0083-R COOPER-VP5-0083-R Datasheet
444Kb / 8P
   Inductors and Transformers
More results

Similar Description - VP503

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VP513 SANYO-VP513 Datasheet
165Kb / 8P
   CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VP603 SANYO-VP603 Datasheet
144Kb / 8P
   CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VPS10 SANYO-VPS10 Datasheet
104Kb / 4P
   CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VPS13 SANYO-VPS13 Datasheet
88Kb / 4P
   CRT Display Video Output Amplifier, High-Voltage/Wideband Amplifier
VPS12 SANYO-VPS12 Datasheet
89Kb / 4P
   CRT Display Video Output Amplifier: High-Voltage, Wideband Amplifier
VP453 SANYO-VP453 Datasheet
90Kb / 5P
   CRT Display Video Output Amplifier
VP553 SANYO-VP553 Datasheet
92Kb / 5P
   CRT Display Video Output Amplifier
VPA12 SANYO-VPA12 Datasheet
72Kb / 3P
   High-Precision CRT Display Video Output Amplifier
logo
Fairchild Semiconductor
KSA1381 FAIRCHILD-KSA1381 Datasheet
73Kb / 5P
   CRT Display, Video Output
KSA1406 FAIRCHILD-KSA1406 Datasheet
71Kb / 5P
   CRT Display, Video Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com