Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS360 Datasheet(PDF) 10 Page - Microchip Technology

Part # HCS360
Description  KEELOQ짰 Code Hopping Encoder outline and low cost,
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360 Datasheet(HTML) 10 Page - Microchip Technology

Back Button HCS360 Datasheet HTML 6Page - Microchip Technology HCS360 Datasheet HTML 7Page - Microchip Technology HCS360 Datasheet HTML 8Page - Microchip Technology HCS360 Datasheet HTML 9Page - Microchip Technology HCS360 Datasheet HTML 10Page - Microchip Technology HCS360 Datasheet HTML 11Page - Microchip Technology HCS360 Datasheet HTML 12Page - Microchip Technology HCS360 Datasheet HTML 13Page - Microchip Technology HCS360 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
HCS360
DS40152F-page 10
© 2011 Microchip Technology Inc.
3.5.10
DELM: DELAY MODE
If DELM = 1, delay transmission is enabled. A delayed
transmission is indicated by inverting the lower nibble
of the discrimination value. The Delay mode is primarily
for compatibility with previous KEELOQ devices and is
not recommended for new designs.
If DELM = 0, delay transmission is disabled (Table 3-
6).
TABLE 3-6:
TYPICAL DELAY TIMES
3.5.11
TIMO: TIME-OUT
OR AUTO-SHUTOFF
If TIMO = 1, the time-out is enabled. Time-out can be
used to terminate accidental continuous transmissions.
When time-out occurs, the PWM output is set low and
the LED is turned off. Current consumption will be
higher than in Standby mode since current will flow
through the activated input resistors. This state can be
exited only after all inputs are taken low. TIMO = 0, will
enable continuous transmission (Table 3-7).
TABLE 3-7:
TYPICAL TIME-OUT TIMES
BSEL 1
BSEL 0
Number of Code
Words before Delay
Mode
Time Before Delay Mode
(MOD = 0)
Time Before Delay Mode
(MOD = 1)
00
28
≈ 2.9s
≈ 5.1s
01
56
≈ 3.1s
≈ 6.4s
10
28
≈ 1.5s
≈ 3.2s
11
56
≈ 1.7s
≈ 4.5s
BSEL 1
BSEL 0
Maximum Number of
Code Words
Transmitted
Time Before Time-out
(MOD = 0)
Time Before Time-out
(MOD = 1)
0
0
256
≈ 26.5s
≈ 46.9
0
1
512
≈ 28.2s
≈ 58.4
1
0
256
≈ 14.1s
≈ 29.2
1
1
512
≈ 15.7s
≈ 40.7


Similar Part No. - HCS360

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996-1997
HCS360 MICROCHIP-HCS360 Datasheet
395Kb / 28P
   Memory Programming Specification
2004
HCS360 MICROCHIP-HCS360 Datasheet
421Kb / 28P
   KEELOQ짰 Code Hopping Encoder
2001
HCS360-/P MICROCHIP-HCS360-/P Datasheet
421Kb / 28P
   KEELOQ짰 Code Hopping Encoder
2001
HCS360-/SN MICROCHIP-HCS360-/SN Datasheet
421Kb / 28P
   KEELOQ짰 Code Hopping Encoder
2001
More results

Similar Description - HCS360

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
   KEELOQ짰 Code Hopping Encoder
2001
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
   KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
   KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
   KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
   KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
HCS412 MICROCHIP-HCS412_11 Datasheet
1Mb / 52P
   KEELOQ짰 Code Hopping Encoder and Transponder Burglar alarm systems
2011
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
   KEELOQ짰 Code Hopping Decoder
2002
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
   KEELOQ짰 Code Hopping Decoder
01/27/15
HCS362 MICROCHIP-HCS362_11 Datasheet
867Kb / 46P
   KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
2011
HCS370 MICROCHIP-HCS370_11 Datasheet
956Kb / 42P
   KEELOQ짰 Code Hopping Encoder Four selectable baud rates
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com