Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS410 Datasheet(PDF) 8 Page - Microchip Technology

Part # HCS410
Description  KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HCS410_11 Datasheet HTML 4Page - Microchip Technology HCS410_11 Datasheet HTML 5Page - Microchip Technology HCS410_11 Datasheet HTML 6Page - Microchip Technology HCS410_11 Datasheet HTML 7Page - Microchip Technology HCS410_11 Datasheet HTML 8Page - Microchip Technology HCS410_11 Datasheet HTML 9Page - Microchip Technology HCS410_11 Datasheet HTML 10Page - Microchip Technology HCS410_11 Datasheet HTML 11Page - Microchip Technology HCS410_11 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
HCS410
DS40158F-page 8
© 2011 Microchip Technology Inc.
2.2.1
TRANSMISSION DATA FORMAT
The HCS410 transmission (CH Mode) is made up of
several parts (Figure 2-10 and Figure 2-11). Each
transmission is begun with a preamble and a header,
followed by the encrypted and then the fixed data. The
actual data is 69 bits which consists of 32 bits of
encrypted data and 37 bits of fixed data. Each trans-
mission is followed by a guard period before another
transmission
can
begin.
Refer
to
Table 6-4
and Table 6-5 for transmission timing specifications.
The combined encrypted and nonencrypted sections
increase the number of combinations to 1.47 x 1020.
The HCS410 transmits a 69-bit code word when a but-
ton is pressed. The 69-bit word is constructed from a
Fixed Code portion and Code Hopping portion
(Figure 2-8).
The Encrypted Data is generated from 4 function bits,
2 overflow bits, and 10 discrimination bits, and the 16-
bit synchronization counter value (Figure 2-8).
The Nonencrypted Code Data is made up of 2 QUE
bits, 2 CRC bits, a VLOW bit, 4 function bits, and the
28-bit serial number. If the extended serial number
(32 bits) is selected, the 4 function code bits will not be
transmitted (Figure 2-8).
FIGURE 2-8:
HOP CODE WORD ORGANIZATION (RIGHT-MOST BIT IS CLOCKED OUT FIRST)
FIGURE 2-9:
SEED CODE WORD ORGANIZATION
Fixed Code Data
Encrypted Code Data
69 bits
of Data
Transmitted
MSB
LSB
CRC
(2 bit)
VLOW
(1 bit)
Button
Status*
(4 bits)
28-bit
Serial Number
Overflow (2 bits)
bits (10 bits)
16-bit
Synchronization
CRC
(2 bits)
VLOW
(1 bit)
+
Serial Number and
Button Status (32 bits)
+
32 bits of Encrypted Data
QUE
QUE
(Q1, Q0
S2 S1 S0 0
Button
Status
(4 bits)
S2 S1 S0 0
(2 bits)
bit)
Counter Value
Discrimination
and
* Optional.
Fixed Code Data
69 bits
of Data
Transmitted
CRC
(2 bit)
VLOW
(1 bit)
Button*
Status
(4 bits)
CRC
(2 bits)
VLOW
(1 bit)
+
QUE
QUE0
(Q1, Q0
S2 S1 S0 0
(2 bits)
bit)
Unencrypted
Button
(4 bits)
SEED
(60 bits)
+
SEED
* Optional.
40158F.book Page 8 Wednesday, June 1, 2011 10:36 AM


Similar Part No. - HCS410_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410-IP MICROCHIP-HCS410-IP Datasheet
259Kb / 36P
   KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS410-IP MICROCHIP-HCS410-IP Datasheet
481Kb / 36P
   KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS410-ISN MICROCHIP-HCS410-ISN Datasheet
259Kb / 36P
   KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS410-ISN MICROCHIP-HCS410-ISN Datasheet
481Kb / 36P
   KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS410-IST MICROCHIP-HCS410-IST Datasheet
259Kb / 36P
   KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
More results

Similar Description - HCS410_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
   KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
   KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS412 MICROCHIP-HCS412_11 Datasheet
1Mb / 52P
   KEELOQ짰 Code Hopping Encoder and Transponder Burglar alarm systems
2011
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
   KEELOQ짰 Code Hopping Encoder
2001
HCS473 MICROCHIP-HCS473 Datasheet
1Mb / 68P
   Code Hopping Encoder and Transponder
2002
HCS201 MICROCHIP-HCS201_11 Datasheet
707Kb / 36P
   KEELOQ짰 Code Hopping Encoder 34-bit fixed code (28-bit serial number
2011
HCS412 MICROCHIP-HCS412 Datasheet
704Kb / 44P
   KEELOQ Code Hopping Encoder and Transponder
2002
HCS410 MICROCHIP-HCS410 Datasheet
259Kb / 36P
   KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS360 MICROCHIP-HCS360_11 Datasheet
800Kb / 40P
   KEELOQ짰 Code Hopping Encoder outline and low cost,
2011
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
   KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com