Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS410 Datasheet(PDF) 9 Page - Microchip Technology

Part # HCS410
Description  KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HCS410_11 Datasheet HTML 5Page - Microchip Technology HCS410_11 Datasheet HTML 6Page - Microchip Technology HCS410_11 Datasheet HTML 7Page - Microchip Technology HCS410_11 Datasheet HTML 8Page - Microchip Technology HCS410_11 Datasheet HTML 9Page - Microchip Technology HCS410_11 Datasheet HTML 10Page - Microchip Technology HCS410_11 Datasheet HTML 11Page - Microchip Technology HCS410_11 Datasheet HTML 12Page - Microchip Technology HCS410_11 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
HCS410
© 2011 Microchip Technology Inc.
DS40158F-page 9
2.2.2
TRANSMISSION DATA MODULE
The Data Modulation Format is selectable between
Pulse Width Modulation (PWM) format and Manchester
encoding. Both formats are preceded by a preamble
and synchronization header, followed by the 69-bits of
data. Manchester encoding has a leading and closing
‘1’ for each code word.
The same code word is continuously sent as long as
the input pins are kept high with a guard time separat-
ing the code words. All of the timing values are in mul-
tiples of a Basic Timing Element (TE), which can be
changed using the baud rate option bits.
FIGURE 2-10: TRANSMISSION FORMAT—MANCH = 0
FIGURE 2-11: TRANSMISSION FORMAT—MANCH = 1
LOGIC "1"
Code Word
Guard
Time
Preamble
Sync
Encrypted
TX Data
Fixed Code
BIT
LOGIC "0"
1
2
3 579
46 8 10
TE
CODE WORD:
TOTAL TRANSMISSION:
Preamble Sync Encrypt
Fixed
Guard
1 CODE WORD
12
4 5
6
Preamble Sync
Encrypt
14 15 16
TE
Data
TE
Guard
Preamble
Sync
Encrypted
Fixed Code
LOGIC "0"
1
2
3
4
TE
CODE WORD:
TOTAL TRANSMISSION:
Sync
Encrypt
Fixed
Guard
1 CODE WORD
12
4
5
6
Preamble
Sync
Encrypt
14 15 16
LOGIC "1"
Start bit
Stop bit
CODE WORD
Preamble
Time
Data
Data
40158F.book Page 9 Wednesday, June 1, 2011 10:36 AM


Similar Part No. - HCS410_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410-IP MICROCHIP-HCS410-IP Datasheet
259Kb / 36P
   KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS410-IP MICROCHIP-HCS410-IP Datasheet
481Kb / 36P
   KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS410-ISN MICROCHIP-HCS410-ISN Datasheet
259Kb / 36P
   KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS410-ISN MICROCHIP-HCS410-ISN Datasheet
481Kb / 36P
   KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS410-IST MICROCHIP-HCS410-IST Datasheet
259Kb / 36P
   KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
More results

Similar Description - HCS410_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
   KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
   KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS412 MICROCHIP-HCS412_11 Datasheet
1Mb / 52P
   KEELOQ짰 Code Hopping Encoder and Transponder Burglar alarm systems
2011
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
   KEELOQ짰 Code Hopping Encoder
2001
HCS473 MICROCHIP-HCS473 Datasheet
1Mb / 68P
   Code Hopping Encoder and Transponder
2002
HCS201 MICROCHIP-HCS201_11 Datasheet
707Kb / 36P
   KEELOQ짰 Code Hopping Encoder 34-bit fixed code (28-bit serial number
2011
HCS412 MICROCHIP-HCS412 Datasheet
704Kb / 44P
   KEELOQ Code Hopping Encoder and Transponder
2002
HCS410 MICROCHIP-HCS410 Datasheet
259Kb / 36P
   KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS360 MICROCHIP-HCS360_11 Datasheet
800Kb / 40P
   KEELOQ짰 Code Hopping Encoder outline and low cost,
2011
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
   KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com