Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS515 Datasheet(PDF) 7 Page - Microchip Technology

Part # HCS515
Description  KEELOQ짰 Code Hopping Decoder stand-alone decoder
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HCS515 Datasheet HTML 3Page - Microchip Technology HCS515 Datasheet HTML 4Page - Microchip Technology HCS515 Datasheet HTML 5Page - Microchip Technology HCS515 Datasheet HTML 6Page - Microchip Technology HCS515 Datasheet HTML 7Page - Microchip Technology HCS515 Datasheet HTML 8Page - Microchip Technology HCS515 Datasheet HTML 9Page - Microchip Technology HCS515 Datasheet HTML 10Page - Microchip Technology HCS515 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
© 2011 Microchip Technology Inc.
DS40183E-page 7
HCS515
3.4
Synchronization with Decoder
(Evaluating the Counter)
The KEELOQ technology patent scope includes a
sophisticated synchronization technique that does not
require the calculation and storage of future codes. The
technique securely blocks invalid transmissions while
providing transparent resynchronization to transmitters
inadvertently activated away from the receiver.
Figure 3-3 shows a 3-partition, rotating synchronization
window. The size of each window is optional but the
technique is fundamental. Each time a transmission is
authenticated, the intended function is executed and
the transmission's synchronization counter value is
stored in EEPROM. From the currently stored counter
value there is an initial "Single Operation" forward win-
dow of 16 codes. If the difference between a received
synchronization counter and the last stored counter is
within 16, the intended function will be executed on the
single button press and the new synchronization coun-
ter will be stored. Storing the new synchronization
counter value effectively rotates the entire synchroniza-
tion window.
A "Double Operation" (resynchronization) window fur-
ther exists from the Single Operation window up to 32K
codes forward of the currently stored counter value. It
is referred to as "Double Operation" because a trans-
mission with synchronization counter value in this win-
dow will require an additional, sequential counter
transmission prior to executing the intended function.
Upon receiving the sequential transmission the
decoder executes the intended function and stores the
synchronization counter value. This resynchronization
occurs transparently to the user as it is human nature
to press the button a second time if the first was unsuc-
cessful.
The third window is a "Blocked Window" ranging from
the double operation window to the currently stored
synchronization counter value. Any transmission with
synchronization counter value within this window will
be ignored. This window excludes previously used,
perhaps code-grabbed transmissions from accessing
the system.
FIGURE 3-3:
SYNCHRONIZATION WINDOW
Blocked
Entire Window
rotates to eliminate
use of previously
used codes
Single Operation
Window
Window
(32K Codes)
(16 Codes)
Double Operation
(resynchronization)
Window
(32K Codes)
Stored
Synchronization
Counter Value


Similar Part No. - HCS515

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS515 MICROCHIP-HCS515 Datasheet
332Kb / 28P
   KEELOQ CODE HOPPING DECODER
2002
HCS515 MICROCHIP-HCS515 Datasheet
395Kb / 28P
   Memory Programming Specification
2004
HCS515 MICROCHIP-HCS515 Datasheet
324Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS515 MICROCHIP-HCS515 Datasheet
313Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS515-I MICROCHIP-HCS515-I Datasheet
313Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
More results

Similar Description - HCS515

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
   KEELOQ짰 Code Hopping Decoder
2002
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
   KEELOQ짰 Code Hopping Decoder
01/27/15
HCS512 MICROCHIP-HCS512_11 Datasheet
715Kb / 34P
   KEELOQ짰 Code Hopping Decoder system and high security
2011
HCS500 MICROCHIP-HCS500_11 Datasheet
728Kb / 40P
   KEELOQ짰 Code Hopping Decoder encoders to implement a unidirectional
2011
logo
ATMEL Corporation
AT89SND2CMP3B ATMEL-AT89SND2CMP3B_14 Datasheet
2Mb / 242P
   Stand-alone MP3 Decoder
logo
Microchip Technology
HCS515-I MICROCHIP-HCS515-I Datasheet
313Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS515 MICROCHIP-HCS515 Datasheet
332Kb / 28P
   KEELOQ CODE HOPPING DECODER
2002
HCS512 MICROCHIP-HCS512 Datasheet
224Kb / 20P
   KEELOQ CODE HOPPING DECODER
1997
HCS515 MICROCHIP-HCS515 Datasheet
324Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS500-I MICROCHIP-HCS500-I Datasheet
403Kb / 34P
   KEELOQ Code Hopping Decoder
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com