Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS50R12KT4_B15 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # FS50R12KT4_B15
Description  EconoPACK2 module with trench/fieldstop IGBT4 and Emitter Controlled4 Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS50R12KT4_B15 Datasheet(HTML) 2 Page - Infineon Technologies AG

  FS50R12KT4_B15 Datasheet HTML 1Page - Infineon Technologies AG FS50R12KT4_B15 Datasheet HTML 2Page - Infineon Technologies AG FS50R12KT4_B15 Datasheet HTML 3Page - Infineon Technologies AG FS50R12KT4_B15 Datasheet HTML 4Page - Infineon Technologies AG FS50R12KT4_B15 Datasheet HTML 5Page - Infineon Technologies AG FS50R12KT4_B15 Datasheet HTML 6Page - Infineon Technologies AG FS50R12KT4_B15 Datasheet HTML 7Page - Infineon Technologies AG FS50R12KT4_B15 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Technische Information / technical information
FS50R12KT4_B15
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Diode-Wechselrichter / diode-inverter
Höchstzulässige Werte / maximum rated values
7
8
$
$
%&' (
)
*::;
*
.
$
#
.
=
2f
6
7
8
#
=
9 (
#
2f:;
6
<
8
$
2g
*: (
*0 9 (
# 0 %&' (
)
2g
G
6g
Charakteristische Werte / characteristic values
#
# C
.
$
=
$
2f (
60 *@, (
*
2f (
60 *@, (
*
2f (
60 *@, (
*
*f
01
0G
0G
0
*
*
*
%&' (
)
%&' (
)
%&' (
)
R
#
8
2f (
60
fB
(
6BL U%&'(
) W
*: ( G
*
*@, (
*
2:;
1 0
1 0
110
6
6
6
%&' (
)
%&' (
)
%&' (
)
8T$
$
$
$
2f (
60
fB
(
6BL U%&'(
) W
*: ( G
*
*@, (
*
JS
0
0
0
L
L
L
%&' (
)
%&' (
)
%&' (
)
6
$
7
$
2f (
60
fB
(
6BL U%&'(
) W
*: ( G
*
*@, (
*
"SPh
01
K0
K0G
#[
#[
#[
%&' (
)
%&' (
)
%&' (
)
2
?D # =
#
0 _
.
B
>Ha+
0
!B?
b
$
$ ?D # =
#
0
.
B
c9FE>P (
?BU#^!W B
cdSPFEP (
?BU#^!W
>H+e
0K
!B?
NTC-Widerstand / NTC-thermistor
Charakteristische Werte / characteristic values
#
# C
i
=
%+ (
)
jk
0
N
6 =
$
lmm
lmm
%+ (
) 0
lmm ( I/K N
n B
o
*
$
=
%+ (
)
7jk
0
#?
` ?
`
j (
jk C p`jkqkmU B%j
BU / 0
!WWr
`jkqkm
KK1
!
` ?
`
j (
jk C p`jkqsmU B%j
BU / 0
!WWr
`jkqsm
KI
!
` ?
`
j (
jk C p`jkqlmmU B%j
BU / 0
!WWr
`jkqlmm
KIKK
!
Angaben gemäß gültiger Application Note.
Specification according to the valid application note.


Similar Part No. - FS50R12KT4_B15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS50R12KT4_B15 INFINEON-FS50R12KT4_B15 Datasheet
724Kb / 9P
   EconoPACK2 Modul mit Trench
2013-11-04 revision:3.0
FS50R12KT4_B15 INFINEON-FS50R12KT4_B15_13 Datasheet
724Kb / 9P
   EconoPACK2 Modul mit Trench
2013-11-04 revision:3.0
More results

Similar Description - FS50R12KT4_B15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS100R12KT4 INFINEON-FS100R12KT4 Datasheet
301Kb / 8P
   EconoPACK2 module with trench/fieldstop IGBT4 and Emitter Controlled4 Diode
2008-05-15 revision:2.0
FS75R12KT4_B15 INFINEON-FS75R12KT4_B15 Datasheet
349Kb / 8P
   EconoPACK2 module with trench/fieldstop IGBT4 and Emitter Controlled4 Diode
2008-05-15 revision:2.0
FS100R12KT4_B11 INFINEON-FS100R12KT4_B11 Datasheet
299Kb / 8P
   EconoPACK2 module with trench/fieldstop IGBT4 and Emitter Controlled4 Diode
2009-01-30 revision:2.0
FS50R12KT4_B11 INFINEON-FS50R12KT4_B11 Datasheet
318Kb / 8P
   EconoPACK2 module PressFIT with trench/fieldstop IGBT4 and Emitter Controlled4 Diode
2008-05-15 revision:2.0
FZ900R12KP4 INFINEON-FZ900R12KP4 Datasheet
280Kb / 8P
   62mm C-series module with trench/fieldstop IGBT4 and Emitter Controlled4 diode
2009-02-13 revision:2.0
FS75R12W2T4_B11 INFINEON-FS75R12W2T4_B11 Datasheet
432Kb / 8P
   EasyPACK 2B module PressFIT with trench/fieldstop IGBT4 and Emitter Controlled4 Diode
2009-04-16 revision:2.0
FS100R07N2E4 INFINEON-FS100R07N2E4 Datasheet
536Kb / 9P
   EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FS75R07N2E4 INFINEON-FS75R07N2E4 Datasheet
536Kb / 9P
   EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FS50R07N2E4 INFINEON-FS50R07N2E4 Datasheet
536Kb / 9P
   EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FS450R17KE4 INFINEON-FS450R17KE4 Datasheet
364Kb / 8P
   EconoPACK module with trench/fieldstop IGBT4 and Emitter Controlled3 diode
2010-01-28 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com