Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM1015 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GM1015
Description  Excellent HFE Linearity HFE : HFE(0.1mA)/HFE(2mA)=0.95(Typ.)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GM1015 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GM1015 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GM1015 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GM1015 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin
Strong
Strong
Strong
Strong
Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GM1015
FEATURES
FEATURES
FEATURES
FEATURES
特點
Excellent HFE Linearity HFE 線性特性極好
:H
FE(0.1mA)/HFE(2mA)=0.95(Typ.)
Low Noise 低噪声:NF=1dB(Typ.),10db(Max.).
Complementary to GM1815
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
RATINGS
RATINGS
RATINGS
RATINGS
(T
T
T
T
A
A
A
A
=25
=25
=25
=25
℃)最大額定值
DEVICE
DEVICE
DEVICE
DEVICE
MARKING
MARKING
MARKING
MARKING
打標
Characteristic
特性參數
Symbol
符號
Rating
額定值
Unit
單位
Collector-Base Voltage
集電極-基極電壓
VCBO
-50
Vdc
Collector-Emitter Voltage
集電極-發射極電壓
VCEO
-50
Vdc
Emitter-Base Voltage
發射極-基極電壓
VEBO
-5.0
Vdc
Collector Current-Continuous
集電極電流-連續
Ic
-150
mAdc
Base Current
基極電流
IB
-30
mAdc
Collector Power Dissipation
集電耗散功率
PC
225
mW
Junction Temperature
結溫
Tj
150
Storage Temperature
儲存溫度
Tstg
-55〜150
GM1015=BA


Similar Part No. - GM1015

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM1015 GSME-GM1015_15 Datasheet
204Kb / 2P
   PNP General Purpose Transistor
More results

Similar Description - GM1015

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM1815 GSME-GM1815 Datasheet
278Kb / 3P
   Excellent HFE Linearity HFE : HFE(0.1mA)/ HFE(2mA)=0.95(Typ.)
GM9014 GSME-GM9014 Datasheet
246Kb / 3P
   Excellent HFE Linearity HFE : HFE(0.1mA)/ hFE(2mA)=0.95(Typ.)
GM9015 GSME-GM9015 Datasheet
246Kb / 3P
   Excellent HFE Linearity HFE : hFE(0.1mA)/ hFE(2mA)=0.95(Typ.)
logo
MAKO SEMICONDUCTOR CO.,...
KTA1505 MAKOSEMI-KTA1505 Datasheet
83Kb / 2P
   Excellent hFE linearity
M28S MAKOSEMI-M28S Datasheet
273Kb / 2P
   Excellent HFE Linearity.
logo
Shenzhen Luguang Electr...
LGA1266 LUGUANG-LGA1266 Datasheet
220Kb / 2P
   Excellent hFE Linearity
logo
Guilin Strong Micro-Ele...
GM9012 GSME-GM9012 Datasheet
246Kb / 3P
   Excellent HFE Linearity HFE hFE(2)=25(Min.) at VCE=6V,Ic=400mA.
GM9013 GSME-GM9013 Datasheet
245Kb / 3P
   Excellent HFE Linearity HFE hFE(2)=25(Min.) at VCE=6V,Ic=400mA
logo
SHIKUES Electronics
BC846 SKTECHNOLGY-BC846 Datasheet
1,020Kb / 4P
   High current gain, Excellent hFE Linearity
logo
Inchange Semiconductor ...
2SB813 ISC-2SB813 Datasheet
96Kb / 2P
   Good Linearity of hFE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com