Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBH1240TL Datasheet(PDF) 1 Page - Semikron International

Part # SBH1240TL
Description  High temperature schottky barrier diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SBH1240TL Datasheet(HTML) 1 Page - Semikron International

  SBH1240TL Datasheet HTML 1Page - Semikron International SBH1240TL Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial lead diode
High temperature
Schottky barrier diodes
SBH 1220TL ... SBH 1245TL
Forward Current: 12 A
Reverse Voltage: 20 to 45 V
Preliminary Data
Features
Mechanical Data
1)
2)
3)
4)
5)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
SBH 1220TL ... SBH 1245TL
1
23-11-2010 MAM
© by SEMIKRON


Similar Part No. - SBH1240TL

ManufacturerPart #DatasheetDescription
logo
Semikron International
SBH1240 SEMIKRON-SBH1240 Datasheet
346Kb / 2P
   High temperature schottky barrier diodes
More results

Similar Description - SBH1240TL

ManufacturerPart #DatasheetDescription
logo
Semikron International
SBH1220 SEMIKRON-SBH1220 Datasheet
346Kb / 2P
   High temperature schottky barrier diodes
SBH1820 SEMIKRON-SBH1820 Datasheet
357Kb / 2P
   High temperature schottky barrier diodes
SBH3020 SEMIKRON-SBH3020 Datasheet
159Kb / 3P
   High temperature schottky barrier diodes
SBH3020TL SEMIKRON-SBH3020TL Datasheet
320Kb / 2P
   High temperature schottky barrier diodes
logo
Diotec Semiconductor
SB3H150 DIOTEC-SB3H150_13 Datasheet
96Kb / 2P
   High Temperature Schottky Barrier Diodes
SB12H30 DIOTEC-SB12H30 Datasheet
103Kb / 2P
   High temperature schottky barrier diodes
logo
Semikron International
SBH1520S SEMIKRON-SBH1520S Datasheet
356Kb / 2P
   High temperature schottky barrier diodes
SBH1520 SEMIKRON-SBH1520 Datasheet
359Kb / 2P
   High temperature schottky barrier diodes
SBH2020TL SEMIKRON-SBH2020TL Datasheet
354Kb / 2P
   High temperature schottky barrier diodes
SBH820 SEMIKRON-SBH820 Datasheet
289Kb / 2P
   High temperature schottky barrier diodes
SBH1020TL SEMIKRON-SBH1020TL Datasheet
282Kb / 2P
   High temperature schottky barrier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com