Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC32MX695F512L Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC32MX695F512L
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
Download  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX695F512L Datasheet(HTML) 4 Page - Microchip Technology

  PIC32MX695F512L Datasheet HTML 1Page - Microchip Technology PIC32MX695F512L Datasheet HTML 2Page - Microchip Technology PIC32MX695F512L Datasheet HTML 3Page - Microchip Technology PIC32MX695F512L Datasheet HTML 4Page - Microchip Technology PIC32MX695F512L Datasheet HTML 5Page - Microchip Technology PIC32MX695F512L Datasheet HTML 6Page - Microchip Technology PIC32MX695F512L Datasheet HTML 7Page - Microchip Technology PIC32MX695F512L Datasheet HTML 8Page - Microchip Technology PIC32MX695F512L Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 4
© 2009-2011 Microchip Technology Inc.
TABLE 1:
PIC32 USB AND CAN – FEATURES
USB and CAN
PIC32MX534F064H
64
64 + 12(1)
16
1
1
5/5/5
4/4
6
3
4
16
2
Yes Yes
No
PT,
MR
PIC32MX564F064H
64
64 + 12(1)
32
1
1
5/5/5
4/4
6
3
4
16
2
Yes Yes
No
PT,
MR
PIC32MX564F128H
64
128 + 12(1)
32
1
1
5/5/5
4/4
6
3
4
16
2
Yes Yes
No
PT,
MR
PIC32MX575F256H
64
256 + 12(1)
64
1
1
5/5/5
8/4
6
3
4
16
2
Yes Yes
No
PT,
MR
PIC32MX575F512H
64
512 + 12(1)
64
1
1
5/5/5
8/4
6
3
4
16
2
Yes Yes
No
PT,
MR
PIC32MX534F064L
100
64 + 12(1)
16
1
1
5/5/5
4/4
6
4
5
16
2
Yes Yes Yes
PT,
PF,
BG
PIC32MX564F064L
100
64 + 12(1)
32
1
1
5/5/5
4/4
6
4
5
16
2
Yes Yes Yes
PT,
PF,
BG
PIC32MX564F128L
100 128 + 12(1)
32
1
1
5/5/5
4/4
6
4
5
16
2
Yes Yes Yes
PT,
PF,
BG
PIC32MX575F256L
100 256 + 12(1)
64
1
1
5/5/5
8/4
6
4
5
16
2
Yes Yes Yes
PT,
PF,
BG
PIC32MX575F512L
100 512 + 12(1)
64
1
1
5/5/5
8/4
6
4
5
16
2
Yes Yes Yes
PT,
PF,
BG
Legend:
PF, PT = TQFP
MR = QFN
BG = XBGA
Note 1:
This device features 12 KB boot Flash memory.
2:
CTS and RTS pins may not be available for all UART modules. Refer to the “Pin Diagrams” section for more
information.
3:
Some pins between the UART, SPI and I2C modules may be shared. Refer to the “Pin Diagrams” section for more
information.
4:
Refer to Section 32.0 “Packaging Information” for more information.


Similar Part No. - PIC32MX695F512L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX695F512L MICROCHIP-PIC32MX695F512L Datasheet
8Mb / 448P
   32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Graphics Interface, USB, CAN, and Ethernet
11/29/12 2009-2013
PIC32MX695F512L MICROCHIP-PIC32MX695F512L Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
05/02/11
PIC32MX695F512L MICROCHIP-PIC32MX695F512L Datasheet
2Mb / 236P
   High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
01/05/10
PIC32MX695F512L-80I MICROCHIP-PIC32MX695F512L-80I Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
05/02/11
More results

Similar Description - PIC32MX695F512L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX5XX MICROCHIP-PIC32MX5XX Datasheet
2Mb / 236P
   High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
2010
PIC32MX575F256H-80I MICROCHIP-PIC32MX575F256H-80I Datasheet
2Mb / 236P
   High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
01/05/10
PIC32MX695F512L-80I MICROCHIP-PIC32MX695F512L-80I Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
05/02/11
PIC32MX795F512L MICROCHIP-PIC32MX795F512L Datasheet
124Kb / 2P
   PIC32MX7XXFXXXX USB, CAN and Ethernet 32-bit Flash Microcontrollers
PIC32MX320F032H-40I MICROCHIP-PIC32MX320F032H-40I Datasheet
128Kb / 2P
   CAN and Ethernet 32-bit Flash Microcontrollers
PIC32MX460F512L-80I MICROCHIP-PIC32MX460F512L-80I Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
05/02/11
PIC32MX3XX MICROCHIP-PIC32MX3XX_11 Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
2011
PIC32MX3XX MICROCHIP-PIC32MX3XX_1 Datasheet
4Mb / 208P
   High-Performance, General Purpose and USB 32-bit Flash Microcontrollers
2010
PIC32MX320F032H MICROCHIP-PIC32MX320F032H_11 Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
2011
PIC32MX575F256L-80I MICROCHIP-PIC32MX575F256L-80I Datasheet
98Kb / 3P
   PIC32MX575FXXXX USB, CAN and Ethernet 32-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com