Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEMIX191KD16S Datasheet(PDF) 3 Page - Semikron International

Part # SEMIX191KD16S
Description  Rectifier Diode Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX191KD16S Datasheet(HTML) 3 Page - Semikron International

  SEMIX191KD16S Datasheet HTML 1Page - Semikron International SEMIX191KD16S Datasheet HTML 2Page - Semikron International SEMIX191KD16S Datasheet HTML 3Page - Semikron International SEMIX191KD16S Datasheet HTML 4Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SEMiX191KD16s
© by SEMIKRON
Rev. 38 – 25.03.2010
3
Fig. 4L: Power dissipation of three modules vs. direct
current
Fig. 4R: Power dissipation of three modules vs. case
temperature
Fig. 6: Transient thermal impedance vs. time
Fig. 7: On-state characteristics
Fig. 8: Surge overload current vs. time


Similar Part No. - SEMIX191KD16S

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX191KD SEMIKRON-SEMIX191KD Datasheet
857Kb / 4P
   Rectifier Diode Module
More results

Similar Description - SEMIX191KD16S

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD261N EUPEC-DD261N Datasheet
273Kb / 10P
   Rectifier Diode Module
DD260N EUPEC-DD260N Datasheet
240Kb / 10P
   Rectifier Diode Module
ND350N EUPEC-ND350N Datasheet
242Kb / 10P
   Rectifier Diode Module
DZ950N EUPEC-DZ950N Datasheet
232Kb / 10P
   Rectifier Diode Module
logo
New Jersey Semi-Conduct...
SKKE600 NJSEMI-SKKE600 Datasheet
305Kb / 3P
   Rectifier Diode Module
logo
Inchange Semiconductor ...
DD540N22K ISC-DD540N22K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DD104N EUPEC-DD104N Datasheet
239Kb / 10P
   Rectifier Diode Module
logo
Infineon Technologies A...
DDB6U85N16L INFINEON-DDB6U85N16L Datasheet
337Kb / 7P
   Rectifier Diode Module
Rev.2
logo
Inchange Semiconductor ...
ND260N12K ISC-ND260N12K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DZ540N EUPEC-DZ540N Datasheet
274Kb / 10P
   Rectifier Diode Module
DZ1070N EUPEC-DZ1070N Datasheet
231Kb / 10P
   Rectifier Diode Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com