Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEMIX302KT16S Datasheet(PDF) 1 Page - Semikron International

Part # SEMIX302KT16S
Description  Rectifier Thyristor Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX302KT16S Datasheet(HTML) 1 Page - Semikron International

  SEMIX302KT16S Datasheet HTML 1Page - Semikron International SEMIX302KT16S Datasheet HTML 2Page - Semikron International SEMIX302KT16S Datasheet HTML 3Page - Semikron International SEMIX302KT16S Datasheet HTML 4Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMiX302KT16s
© by SEMIKRON
Rev. 41 – 25.03.2010
1
SEMiX® 2s
KT
Rectifier Thyristor Module
SEMiX302KT16s
Features
• Terminal height 17 mm
• Chips soldered directly to isolated
substrate
Typical Applications*
• Input Bridge Rectifier for AC/DC motor
control
• Power supply
Absolute Maximum Ratings
Symbol
Conditions
Values
Unit
Chip
IT(AV)
sinus 180°
Tc =85°C
300
A
Tc = 100 °C
230
A
ITSM
10 ms
Tj =25°C
9300
A
Tj = 130 °C
8000
A
i2t
10 ms
Tj =25°C
432000
A2s
Tj = 130 °C
320000
A2s
VRSM
1700
V
VRRM
1600
V
VDRM
1600
V
(di/dt)cr
Tj = 130 °C
130
A/µs
(dv/dt)cr
Tj = 130 °C
1000
V/µs
Tj
-40 ... 130
°C
Module
Tstg
-40 ... 125
°C
Visol
AC sinus 50Hz
1min
4000
V
1s
4800
V
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
Chip
VT
Tj =25°C, IT = 900 A
1.7
V
VT(TO)
Tj = 130 °C
0.85
V
rT
Tj = 130 °C
1.7
mΩ
IDD;IRD
Tj = 130 °C, VDD = VDRM; VRD = VRRM
75
mA
tgd
Tj =25°C, IG =1A, diG/dt = 1 A/µs
1µs
tgr
VD = 0.67 * VDRM
2µs
tq
Tj = 130 °C
150
µs
IH
Tj =25°C
150
500
mA
IL
Tj =25°C, RG =33 Ω
300
1000
mA
VGT
Tj =25°C, d.c.
3V
IGT
Tj =25°C, d.c.
200
mA
VGD
Tj = 130 °C, d.c.
0.25
V
IGD
Tj = 130 °C, d.c.
10
mA
Rth(j-c)
per thyristor
K/W
per module
K/W
Rth(j-c)
sin. 180°
per thyristor
0.091
K/W
per module
K/W
Rth(j-c)
per thyristor
K/W
per module
K/W
Module
Rth(c-s)
per chip
K/W
per module
0.045
K/W
Ms
to heat sink (M5)
3
5
Nm
Mt
to terminals (M6)
2.5
5
Nm
a
5 * 9,81
m/s2
w250
g


Similar Part No. - SEMIX302KT16S

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX302KT SEMIKRON-SEMIX302KT Datasheet
1Mb / 4P
   Rectifier (Thryr./Diode) Module
More results

Similar Description - SEMIX302KT16S

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX141KT16S SEMIKRON-SEMIX141KT16S_15 Datasheet
683Kb / 4P
   Rectifier Thyristor Module
SEMIX141KT16S SEMIKRON-SEMIX141KT16S_10 Datasheet
316Kb / 4P
   Rectifier Thyristor Module
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
   THYRISTOR-THYRISTOR MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com